công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • ATS-19D-72-C2-R0

  • AI
    The **ATS-19D-72-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is part of the "pushPIN™" family, designed for mounting onto Printed Circuit Boards (PCBs). --- ## 🛠 Technical Specifications | Feature | Specification | | :--- | :--- | | **Manufacturer** | Advanced Thermal Solutions, Inc. (ATS) | | **Part Number** | ATS-19D-72-C2-R0 | | **Material** | Aluminum | | **Fin Type** | Straight Fin | | **Attachment Method** | pushPIN™ (Spring-loaded) | | **Thermal Resistance** | 5.11°C/W (at 100 LFM) | | **Thermal Interface Material** | T766 (Pre-applied) | | **Finish** | Blue Anodized | --- ## 🧩 Key Components and Design ### 1. The Heat Sink Body The body is constructed from high-quality aluminum to provide excellent thermal conductivity. The "Straight Fin" design allows for efficient airflow, making it ideal for systems with directed air movement. ### 2. pushPIN™ Attachment System This part uses a specific mechanical attachment system rather than adhesive: * **Push Pins:** Made of nylon or brass, these go through pre-drilled holes in the PCB. * **Springs:** Provides consistent pressure (compression) on the electronic component (CPU/GPU/FPGA) to ensure maximum heat transfer. ### 3. Thermal Interface Material (TIM) The part comes with **T766** pre-applied to the base. This is a phase-change or high-performance grease that fills microscopic air gaps between the chip and the heat sink. ### 4. Dimensions * **Height:** 25.00mm * **Width/Length:** 45.00mm x 45.00mm * **Pitch:** Specific to the 72-series fin spacing for optimized air pressure drop. --- ## 🔌 Applications in Electronics This component is typically found in: * **Network Switches/Routers:** Cooling high-speed processing chips. * **Industrial Power Supplies:** Dissipating heat from MOSFETs or IGBTs. * **Embedded Computing:** Protecting SoCs (System on Chips) from thermal throttling. --- ## 💻 Integration Data (Mechanical) If you are integrating this into a CAD or PCB design tool, the following mounting hole pattern is standard for this series: ```text Hole Pattern: 38.00mm x 38.00mm (Square) Pin Diameter: 3.0mm typical ```
    ✨ Follow-up Questions
    • ⤷ What is the difference between T766 and other thermal interface materials?
    • ⤷ How do I calculate if the 5.11°C/W resistance is sufficient for my chip?
    • ⤷ Are there custom push-pin lengths available for thicker PCBs?