ATS-19D-101-C2-R0
AI

The **ATS-19D-101-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is designed to dissipate heat from electronic integrated circuits (ICs) like CPUs, GPUs, or FPGAs.
---
### 1. Technical Specifications
The part number follows a specific nomenclature that defines its physical and thermal characteristics:
| Property | Specification |
| :--- | :--- |
| **Product Type** | Heat Sink |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | pushPIN™ |
| **Dimensions (L x W x H)** | 45mm x 45mm x 30mm |
| **Fin Type** | Straight Fin |
| **Thermal Resistance** | 1.02°C/W (at 200 LFM) |
---
### 2. Key Component Breakdown
#### A. The pushPIN™ Attachment System
Unlike adhesive-based heat sinks, this model uses a **pushPIN™** mechanism.
* **Springs:** Provides a precise, calculated pressure (preload) to optimize thermal interface material (TIM) performance.
* **Plastic/Brass Pins:** Secure the heat sink through pre-drilled holes in the Printed Circuit Board (PCB).
#### B. Thermal Performance (LFM - Linear Feet per Minute)
Thermal resistance varies based on the airflow provided by system fans:
* **Unducted Flow:** 2.03°C/W @ 100 LFM.
* **High Velocity:** Drops to approximately 0.84°C/W @ 700 LFM.
#### C. Material and Coating
* **AL6063 Aluminum:** Chosen for its high thermal conductivity and lightweight properties.
* **Blue Anodizing:** This is not just aesthetic; the anodized layer increases surface emissivity, slightly improving radiation heat transfer and providing corrosion resistance.
---
### 3. Application Use Cases
This specific heat sink is categorized under the **"fine-pitch"** or **"high-performance"** series, typically used in:
1. **Telecommunications:** High-speed routers and switches.
2. **Embedded Systems:** Industrial PCs where vertical space is limited to 30mm.
3. **Power Electronics:** Cooling MOSFET arrays or voltage regulators.
---
### 4. Mounting Hole Diagram Reference
To use this part, the PCB must be designed with the following hole spacing:
`40.00mm x 40.00mm` (Center to Center).
- ⤷
What is the significance of the 'C2' suffix in the ATS part numbering system?
- ⤷ How does pushPIN attachment compare to thermal tape for long-term reliability?
- ⤷ What is the recommended Thermal Interface Material (TIM) for this heat sink?