ATS-19B-65-C2-R0
AI

The **ATS-19B-65-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is part of the "push pin" series designed to provide efficient cooling for integrated circuits (ICs) and other electronic surface-mount devices.
---
### 1. Technical Specifications
The following table breaks down the core physical and thermal characteristics of the part:
| Feature | Specification |
| :--- | :--- |
| **Material** | Aluminum (Al) |
| **Finish** | Blue Anodized |
| **Attachment Method** | Push-Pin (Brass) |
| **Spring Type** | Compression Spring |
| **Dimensions (L x W)** | 45.00mm x 45.00mm |
| **Height** | 20.00mm |
| **Thermal Resistance** | 7.29 °C/W (at 200 LFM) |
| **Fin Style** | Straight Fin |
---
### 2. Key Electronic Components & Materials
The "electronics" of this part are primarily passive, focusing on thermal dissipation rather than signal processing.
* **Heat Sink Body:** Constructed from extruded aluminum. Aluminum is chosen for its high thermal conductivity and lightweight properties, allowing it to draw heat away from a processor's die effectively.
* **Thermal Interface Material (TIM):** This specific model typically comes with **T766** pre-applied. The TIM is a phase-change material that fills microscopic air gaps between the chip and the heat sink to maximize heat transfer.
* **Mechanical Fasteners:** It utilizes brass push-pins and steel springs. This system provides consistent pressure (clip force) against the electronic component, which is critical for maintaining thermal contact under vibration or thermal expansion.
---
### 3. Application Use Cases
The ATS-19B-65-C2-R0 is commonly used to cool the following types of electronic hardware:
1. **BGA (Ball Grid Array) Packages:** High-density processors found on motherboards.
2. **FPGA/ASIC:** Custom logic chips that generate significant heat during high-speed calculations.
3. **Telecommunications Gear:** High-speed routers and switches where airflow is managed but space is limited.
---
### 4. Part Number Breakdown
| Segment | Meaning |
| :--- | :--- |
| **ATS** | Advanced Thermal Solutions (Manufacturer) |
| **19B** | Series Designator (Push-Pin series) |
| **65** | Height/Fin Configuration Code |
| **C2** | Thermal Performance/Material Grade |
| **R0** | RoHS Compliance Status |
- ⤷
What is the significance of the 'Blue Anodized' finish in thermal management?
- ⤷ How do I calculate the required airflow (LFM) for this heat sink?
- ⤷ Are there alternative mounting methods if my PCB doesn't have holes for push-pins?