công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • ATS-19A-207-C1-R0

  • AI
    The part number **ATS-19A-207-C1-R0** refers to a high-performance **heat sink** manufactured by **Advanced Thermal Solutions (ATS)**. It is part of their *push-pin* attachment line, designed specifically for cooling electronic components like CPUs, GPUs, or high-power ASICs. --- ### 1. Technical Specifications The part number is coded with specific information regarding its material, dimensions, and thermal properties. | Feature | Specification | | :--- | :--- | | **Manufacturer** | Advanced Thermal Solutions (ATS) | | **Material** | Aluminum (AL6063) | | **Finish** | Blue Anodized | | **Thermal Resistance** | 6.37°C/W (Unducted Flow) | | **Attachment Method** | Push-Pin (Plastic) | | **Footprint (L x W)** | 60mm x 60mm | | **Height** | 6mm (Low Profile) | | **Fin Pattern** | Straight Fin | --- ### 2. Physical Design Details * **Low Profile:** With a height of only 6mm, this heat sink is designed for tight spaces where vertical clearance is limited (e.g., 1U servers or thin embedded systems). * **Straight Fin Geometry:** This design allows for maximum airflow through the fins, making it ideal for systems with directed forced-convection (fans). * **Pre-Applied TIM:** This model typically comes with a high-efficiency **Thermal Interface Material (TIM)** already applied to the base, ensuring consistent heat transfer from the chip to the aluminum. --- ### 3. Mounting Mechanism (Push-Pin) The "Push-Pin" assembly is a critical electronic hardware component: * **Compression Spring:** It uses a brass or plastic pin with a spring to provide precise downward pressure. * **Stability:** The 4-hole mounting pattern ensures the heat sink remains level across the component surface, preventing "hot spots" caused by uneven contact. * **Ease of Assembly:** It allows for quick installation on PCBs with pre-drilled holes without the need for additional tools or adhesives. --- ### 4. Part Number Breakdown The suffixing follows the ATS standard nomenclature: * **ATS-19A**: Series designation. * **207**: Specific physical dimensions/fin count configuration. * **C1**: Denotes the material and finish (Blue Anodized Aluminum). * **R0**: Revision or packaging standard.
    ✨ Follow-up Questions
    • What are the PCB hole diameter requirements for the ATS push-pin mounting?
    • How does 'unducted' thermal resistance differ from 'ducted' in this model?
    • Is this heat sink compatible with standard 60mm DC cooling fans?