ATS-18G-63-C2-R0
AI

The **ATS-18G-63-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is part of the "push-pin" series designed for secure attachment to Printed Circuit Boards (PCBs).
### 1. Technical Specifications
The following table outlines the physical and thermal characteristics of the part:
| Parameter | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Material** | Aluminum (AL6063) |
| **Finish** | Blue Anodized |
| **Attachment Method** | Push-Pin (Brass) |
| **Base Dimensions** | 45mm x 45mm |
| **Height** | 20mm |
| **Thermal Resistance** | 3.69 °C/W (@ 1.0 m/s airflow) |
| **Fin Style** | Straight Fin |
---
### 2. Detailed Component Breakdown
#### A. The Fin Design
This part utilizes a **straight-fin** pattern. Straight fins are optimized for unidirectional airflow (forced convection). Because the height is 20mm, it provides a significant surface area for heat dissipation without creating excessive back-pressure for cooling fans.
#### B. Attachment Mechanism (Push-Pin)
Unlike adhesive-based heat sinks, the "63" series uses a **Push-Pin and Spring** assembly:
* **Reliability:** Provides constant pressure (preload) for better thermal interface contact.
* **Ease of Install:** Uses pre-drilled holes in the PCB, reducing the risk of the heat sink falling off due to vibration or thermal cycling.
* **Spring Force:** Typically uses a stainless steel or brass spring to ensure the heat sink stays flush against the component.
#### C. Material and Coating
* **AL6063:** This aluminum alloy offers excellent thermal conductivity and structural integrity.
* **Blue Anodized Finish:** Beyond aesthetics, the anodization process increases corrosion resistance and slightly improves emissivity, aiding in heat radiation.
---
### 3. Applications
The ATS-18G-63-C2-R0 is typically used to cool high-heat electronic components such as:
1. **Processors (CPUs/GPUs):** Small form-factor embedded processors.
2. **ASICs/FPGAs:** Custom integrated circuits used in networking or industrial automation.
3. **Power Electronics:** High-power transistors or voltage regulators that require stable thermal dissipation.
---
### 4. Part Number Breakdown (Nomenclature)
* **ATS:** Manufacturer (Advanced Thermal Solutions).
* **18G:** Series designation (Push-pin heat sink family).
* **63:** Specific geometry and fin configuration.
* **C2:** Material/Finish code (Blue Anodized Aluminum).
* **R0:** Revision or packaging code.
- ⤷
What are the recommended thermal interface materials (TIM) to use with this heat sink?
- ⤷ How do I calculate the required airflow in LFM for this specific thermal resistance?
- ⤷ Are there alternative mounting options if my PCB does not have push-pin holes?