ATS-18G-101-C2-R0
AI

The **ATS-18G-101-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It belongs to the **maxiFLOW™** series, designed to provide high-efficiency cooling for electronic components.
---
## Technical Specifications
The following table outlines the physical and thermal characteristics of this specific part:
| Parameter | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions Inc. (ATS) |
| **Series** | maxiFLOW™ |
| **Attachment Method** | pushPIN™ |
| **Material** | Aluminum (Blue Anodized Finish) |
| **Dimensions (L x W x H)** | 40.00mm x 40.00mm x 30.00mm |
| **Thermal Resistance (Unducted)** | 1.05 °C/W @ 200 LFM |
| **Thermal Resistance (Ducted)** | 0.82 °C/W |
| **Spring/Pin Type** | Brass (Nickel Plated) |
---
## Key Components and Features
### 1. maxiFLOW™ Fin Design
The part features a unique "flared" fin geometry. This design increases the surface area for heat dissipation while maintaining a low pressure drop, making it highly effective in environments with limited airflow.
### 2. pushPIN™ Attachment System
Instead of using messy thermal adhesives or simple clips, this model uses the **pushPIN™** system:
* **Secure Fit:** Ensures even pressure across the processor or component for optimal thermal contact.
* **Reliability:** Resistant to shock and vibration, making it suitable for industrial or telecommunications applications.
* **Standard Interface:** Typically pairs with a pre-drilled PCB hole pattern.
### 3. Material and Coating
* **Aluminum:** Chosen for its excellent thermal conductivity-to-weight ratio.
* **Blue Anodized Finish:** Not only provides aesthetic value but also adds a layer of corrosion resistance and slightly improves radiative cooling.
### 4. Thermal Interface Material (TIM)
The "R0" suffix usually indicates that the heat sink comes with a high-performance **Phase Change Material (PCM)** or thermal pad pre-applied to the base, ensuring immediate "plug-and-play" installation.
---
## Common Applications
This heat sink is typically found in the following electronic systems:
* **Processors (CPUs/GPUs):** Cooling high-wattage chipsets.
* **FPGAs:** Managing heat in programmable logic devices.
* **Power Supplies:** Cooling MOSFETs or power modules.
* **Network Switches:** Used in rack-mounted hardware where airflow is directed.
---
- ⤷What are the specific PCB hole dimensions required for the pushPIN™ attachment?
- ⤷ How does the 'C2' suffix in the part number affect the thermal interface material choice?
- ⤷ What is the recommended airflow direction for the maxiFLOW™ fin geometry?