ATS-18F-96-C2-R0
AI

The **ATS-18F-96-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is designed to dissipate heat from electronic components like BGA (Ball Grid Array) chips, CPUs, or GPUs.
---
### Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions Inc. |
| **Part Number** | ATS-18F-96-C2-R0 |
| **Product Category** | Heat Sinks |
| **Fin Type** | Push-Pin (High Performance) |
| **Attachment Method** | Push-Pin (with Compression Springs) |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Thermal Resistance** | Variable based on Airflow (LFM) |
---
### Key Design Features
#### 1. Push-Pin Attachment Mechanism
This part utilizes a **Push-Pin** system with a compression spring.
* **Purpose:** Provides consistent pressure on the heat source to optimize thermal transfer.
* **Assembly:** Requires pre-drilled holes in the PCB (Printed Circuit Board).
* **Material:** The pins are usually made of brass or plastic, providing a secure and vibration-resistant mount.
#### 2. Fin Geometry (Straight Fin)
The "96" series typically features a straight-fin design.
* **Airflow:** Designed for forced-air cooling environments.
* **Efficiency:** The high fin density increases surface area, allowing more heat to be transferred to the surrounding air.
#### 3. Material and Coating
* **Aluminum 6063:** Lightweight with excellent thermal conductivity.
* **Blue Anodizing:** This isn't just for aesthetics; the anodized layer provides corrosion resistance and increases thermal emissivity.
---
### Dimensions and Footprint
While specific CAD dimensions should be verified via the datasheet, the **96 series** generally follows standard BGA sizing:
* **Base Dimensions:** Typically 45mm x 45mm (or similar standard square sizes).
* **Height:** The "18F" designation often refers to a specific fin height or profile within the ATS catalog.
---
### Applications
This part is commonly used in:
* **Telecommunications:** High-speed routers and switches.
* **Embedded Systems:** Industrial PCs and controllers.
* **Consumer Electronics:** High-performance gaming consoles or workstations.
---
### Comparison: Active vs. Passive Cooling
| Feature | ATS-18F-96-C2-R0 | Active Cooler (Fan) |
| :--- | :--- | :--- |
| **Moving Parts** | None (Passive) | Fan included (Active) |
| **Reliability** | Extremely High (No MTBF) | Moderate (Fan can fail) |
| **Power Consumption** | 0 Watts | Requires 1-5 Watts |
| **Noise** | Silent | Audible |
- ⤷
What is the exact thermal resistance (C/W) for this model at 200 LFM airflow?
- ⤷ Does this heat sink come with pre-applied Thermal Interface Material (TIM)?
- ⤷ What is the specific hole-to-hole spacing required on the PCB for the push-pins?