ATS-18F-95-C2-R0
AI

The **ATS-18F-95-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is designed to dissipate heat from electronic components like CPUs, GPUs, or power transistors to prevent thermal throttling or hardware failure.
---
### 1. Technical Specifications
Below are the primary technical parameters for this specific model:
| Parameter | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Series** | pushPIN™ |
| **Base Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | Push-Pin (Plastic or Brass) |
| **Thermal Resistance** | 7.29°C/W (at 100 LFM) |
| **Dimensions (L x W)** | 40mm x 40mm |
| **Height** | 25mm |
| **Fin Style** | Fine Pitch (High Density) |
---
### 2. Key Design Features
* **pushPIN™ Attachment:** This model features a specialized attachment system that allows for quick and secure mounting to a PCB (Printed Circuit Board). It uses a spring-loaded mechanism to ensure consistent pressure between the heat sink and the component.
* **Thermal Interface Material (TIM):** The "C2" in the part number indicates it typically comes with **T766** thermal phase change material pre-applied to the base, ensuring optimal heat transfer right out of the box.
* **Fin Configuration:** The "F" in the part number indicates a **Fine-Pitch** fin design. This increases the surface area for cooling, making it highly effective in systems with forced air cooling (fans).
* **Material:** Made from lightweight aluminum with a blue anodized finish, which provides better emissivity and corrosion resistance.
---
### 3. Part Number Breakdown
The nomenclature of the ATS-18F-95-C2-R0 can be decoded as follows:
1. **ATS-18:** Series identifier.
2. **F:** Fine-pitch fin pattern.
3. **95:** Specific geometry/sizing code.
4. **C2:** Thermal Interface Material type (T766).
5. **R0:** Revision code / RoHS compliant.
---
### 4. Typical Applications
This heat sink is commonly found in:
* **Telecommunications:** Cooling of high-speed networking chips.
* **Embedded Systems:** Industrial PCs and controllers.
* **Power Electronics:** Cooling of MOSFETs or voltage regulators.
* **Computing:** Secondary cooling for chipsets or localized heat sources.
- ⤷
What are the alternative attachment methods for ATS heat sinks if push-pins cannot be used?
- ⤷ How does the air flow rate (LFM) affect the thermal resistance of this specific heat sink?
- ⤷ What are the mechanical clearance requirements for the push-pin holes on a PCB?