ATS-18F-75-C1-R0
AI

The **ATS-18F-75-C1-R0** is a high-performance electronic thermal management component, specifically a **Heatsink** manufactured by *Advanced Thermal Solutions (ATS)*. It belongs to the "maxiFLOW™" product line, designed to optimize airflow and heat dissipation in constrained spaces.
---
### 1. Technical Specifications
The part number encodes specific physical and thermal characteristics:
| Feature | Specification |
| :--- | :--- |
| **Product Type** | Heatsink (Push-Pin Mount) |
| **Material** | Aluminum (Blue Anodized) |
| **Dimensions (L x W)** | 45.00mm x 45.00mm |
| **Height** | 25.00mm |
| **Fin Style** | maxiFLOW (Tapered Fin) |
| **Thermal Resistance** | ~1.67°C/W (at 200 LFM) |
| **Attachment Method** | Push-Pin (Brass or Plastic) |
| **Interface Material** | T766 (Thermal Tape/Phase Change) |
---
### 2. Key Components & Design Features
#### A. The maxiFLOW™ Fin Geometry
Unlike standard straight-fin heatsinks, this part uses a **flared fin** design. This geometry increases the surface area while reducing pressure drop, making it highly efficient for forced-convection cooling (systems with fans).
#### B. Attachment System (Push-Pins)
The "R0" designation typically refers to the specific attachment kit.
* **Spring-loaded Push-Pins:** These provide a consistent, calculated pressure on the electronic component (CPU, FPGA, or ASIC).
* **Reliability:** This method is more robust than simple adhesive tapes, especially in high-vibration environments.
#### C. Thermal Interface Material (TIM)
The base comes pre-applied with a thermal interface material (typically **T766**). This fills the microscopic air gaps between the heatsink base and the chip surface to ensure maximum heat transfer.
---
### 3. Typical Applications
This specific heatsink is designed for "hot" electronic components that require high-reliability cooling:
* **Computing:** Northbridge/Southbridge chipsets.
* **Networking:** High-speed routers, switches, and FPGA modules.
* **Industrial:** Power supplies and motor controllers where airflow is directional.
---
### 4. Thermal Performance Overview
The efficiency of the ATS-18F-75-C1-R0 is highly dependent on the velocity of air (measured in Linear Feet per Minute - LFM):
| Air Velocity (LFM) | Thermal Resistance (°C/W) |
| :--- | :--- |
| 200 LFM | 1.67 |
| 400 LFM | 0.99 |
| 600 LFM | 0.75 |
- ⤷
What are the differences between plastic and brass push-pins for this heatsink?
- ⤷ Can this heatsink be used in a passive cooling setup without a fan?
- ⤷ How do I calculate if the 25mm height fits within my enclosure's clearance?