ATS-18F-48-C2-R0
AI

The **ATS-18F-48-C2-R0** is a specific electronic part number primarily used for thermal management. It is a high-performance **heat sink** manufactured by Advanced Thermal Solutions (ATS).
---
## 1. Technical Specifications
This component belongs to the "blue ICEPAK" series, known for high-efficiency heat dissipation in constrained spaces.
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions, Inc. (ATS) |
| **Part Number** | ATS-18F-48-C2-R0 |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | pushPIN™ |
| **Thermal Resistance** | ~2.29°C/W (at 200 LFM) |
| **Dimensions (L x W x H)** | 25mm x 25mm x 25mm |
| **Fin Style** | Fine Pitch (straight fins) |
---
## 2. Component Breakdown
The part number itself contains encoded information about the design and material:
* **ATS**: Prefix for Advanced Thermal Solutions.
* **18F**: Indicates the specific fin pattern and spacing density.
* **48**: Denotes the physical size and footprint.
* **C2**: Refers to the thermal interface material (TIM) or specific coating (Blue Anodized).
* **R0**: Version/Revision code.
---
## 3. Key Electronic Features
### pushPIN™ Attachment
Unlike standard adhesive-based heat sinks, this model uses a **pushPIN™** system. This involves a flexible spring-loaded mechanism that provides:
* **Reliable Pressure:** Ensures constant contact between the heat sink and the electronic component (CPU, FPGA, etc.).
* **Mechanical Stability:** Prevents the heat sink from shifting during vibration or shipping.
* **Reusability:** Can be removed and reattached easily without damaging the PCB.
### Thermal Interface Material (TIM)
The "C2" suffix typically indicates that the part comes pre-applied with a high-performance thermal grease or pad, reducing the thermal resistance between the semiconductor and the aluminum fins.
### Flow Efficiency
The fin geometry is designed for **Airflow (LFM - Linear Feet per Minute)** optimization. It is most effective when paired with a system fan, as the fine pitch of the fins requires forced air to clear the heat effectively.
---
## 4. Typical Applications
This part is commonly found in:
* **Telecommunications:** Cooling signal processors.
* **Networking:** Routers and high-speed switches.
* **Embedded Systems:** Industrial PCs and controllers.
* **Power Electronics:** Voltage regulators and high-heat transistors.
- ⤷
What is the difference between pushPIN and adhesive mounting for heat sinks?
- ⤷ How does the LFM (Linear Feet per Minute) affect the thermal resistance of this part?
- ⤷ Are there alternative sizes available in the ATS-18F series?