ATS-18F-36-C2-R0
AI

## Electronic Component Analysis: ATS-18F-36-C2-R0
The **ATS-18F-36-C2-R0** is a high-performance **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It belongs to the **maxiFLOW™** series, specifically designed for cooling electronic components such as processors, FPGAs, and ASICs.
---
### 1. Technical Specifications
The part number follows a specific nomenclature that defines its physical and thermal characteristics:
| Property | Specification | Details |
| :--- | :--- | :--- |
| **Product Type** | Heat Sink | Passive cooling component |
| **Material** | Aluminum | Blue Anodized finish |
| **Attachment Method** | pushPIN™ | Spring-loaded brass pin assembly |
| **Dimensions (L x W)** | 36.83mm x 36.83mm | Square footprint |
| **Height** | 12.70mm | Low profile design |
| **Thermal Resistance** | 4.82 °C/W | Measured @ 200 LFM (Linear Feet per Minute) |
| **Fin Style** | Straight | Optimized for longitudinal airflow |
---
### 2. Key Features
* **maxiFLOW™ Design:** Features a tapered fin pattern that maximizes surface area and increases air turbulence, significantly improving heat dissipation compared to standard square-cut heat sinks.
* **pushPIN™ Attachment:** The "R0" suffix indicates the inclusion of a pushPIN™ mounting system. This provides a secure, vibration-resistant attachment to the PCB with a pre-assembled compression spring.
* **Thermal Interface Material (TIM):** Typically comes with pre-applied **T766** thermal phase-change material or tape, ensuring high thermal conductivity between the component and the heat sink.
---
### 3. Electronic Application & Performance
The ATS-18F-36-C2-R0 is engineered for high-density electronic packaging where space is limited but thermal loads are high.
#### Thermal Resistance Table (Airflow Dependent)
| Air Velocity (LFM) | Thermal Resistance (°C/W) |
| :--- | :--- |
| 200 (1.0 m/s) | 4.82 |
| 400 (2.0 m/s) | 2.93 |
| 600 (3.0 m/s) | 2.31 |
| 800 (4.0 m/s) | 2.01 |
---
### 4. Implementation Checklist
When integrating this part into a circuit board design, consider the following:
1. **Hole Pattern:** The PCB must have specific drill holes to accommodate the pushPIN™ spacing (typically 36mm - 40mm pitch depending on the specific clip).
2. **Clearance:** Ensure no tall capacitors or connectors obstruct the "wings" of the maxiFLOW™ fin structure.
3. **Airflow Direction:** Because it uses straight fins, the heat sink must be oriented parallel to the system's fan airflow for maximum efficiency.
---
- ⤷
What is the exact hole-to-hole spacing required for the pushPIN mounting on this model?
- ⤷ Can this heat sink be used with a custom thermal paste instead of the pre-applied TIM?
- ⤷ How does the pressure of the pushPIN affect the longevity of the BGA component underneath?