ATS-18F-33-C2-R0
AI

The **ATS-18F-33-C2-R0** is a high-performance electronic thermal management component, specifically a **Heatsink** manufactured by Advanced Thermal Solutions (ATS). It is designed to dissipate heat from electronic integrated circuits (ICs) to prevent overheating.
---
### 1. Technical Specifications
The part number provides specific information about the dimensions, thermal resistance, and material properties.
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions Inc. (ATS) |
| **Series** | pushPIN™ |
| **Heat Sink Type** | Push-pin Heat Sink |
| **Base Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | Push-Pin (Spring-loaded) |
| **Thermal Resistance (Unducted)** | 17.42 °C/W @ 100 LFM |
| **Thermal Resistance (Ducted)** | 2.65 °C/W @ 100 LFM |
---
### 2. Physical Dimensions
Precision sizing is critical for ensuring the heatsink fits within the constraints of a Printed Circuit Board (PCB).
| Dimension | Value |
| :--- | :--- |
| **Length (A)** | 35.00 mm |
| **Width (B)** | 35.00 mm |
| **Height (C)** | 20.00 mm |
| **Pitch (E)** | 40.00 mm |
| **Pitch (F)** | 40.00 mm |
---
### 3. Key Electronic Components & Features
* **Push-Pin Mounting:** Unlike adhesive-based heatsinks, this uses a push-pin mechanism. This provides consistent pressure for better thermal interface material (TIM) performance and allows for easy removal/rework.
* **High-Performance Fin Design:** The "F" in the part number usually refers to a specific fin pattern (Cross-cut or straight) optimized for airflow.
* **C2 Thermal Interface:** The "C2" suffix typically indicates that the heatsink comes pre-applied with a **Phase Change Material (PCM)** or high-performance thermal grease to bridge the microscopic air gaps between the component and the heatsink.
* **Blue Anodized Coating:** This is not just for aesthetics; the anodization increases the surface area at a microscopic level and protects the aluminum from corrosion.
---
### 4. Application Use Cases
This heatsink is commonly found in:
1. **Networking Hardware:** Routers, switches, and gateways.
2. **Embedded Systems:** Industrial PCs and controllers.
3. **Power Electronics:** Voltage regulators and high-speed processors.
- ⤷
What are the advantages of push-pin mounting over adhesive tape for heatsinks?
- ⤷ How does 'LFM' (Linear Feet per Minute) affect the thermal resistance of this part?
- ⤷ Are there alternative finishes to Blue Anodized for different environmental conditions?