ATS-18F-210-C2-R0
AI

The **ATS-18F-210-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink**, manufactured by Advanced Thermal Solutions (ATS). It is part of the "pushPIN™" series, designed for cooling integrated circuits (ICs) like CPUs, GPUs, and FPGAs.
---
## 1. Technical Specifications
Below are the primary physical and thermal characteristics of the component:
| Feature | Specification |
| :--- | :--- |
| **Material** | Aluminum (Blue Anodized) |
| **Dimensions** | 70.00mm x 70.00mm |
| **Height** | 15.00mm |
| **Fin Type** | Straight Fin |
| **Mounting Style** | pushPIN™ (Spring-loaded) |
| **Attachment Type** | Push Pin (Plastic/Brass) |
| **Thermal Resistance** | 0.60 °C/W (at 200 LFM) |
---
## 2. Component Breakdown
### A. Material and Coating
The heat sink is made from **Aluminum**, which provides high thermal conductivity while remaining lightweight. The **Blue Anodized** finish is not just aesthetic; it increases the surface emissivity, slightly improving radiative heat transfer and providing corrosion resistance.
### B. Fin Geometry
The "Straight Fin" design is optimized for **undirected airflow**. It allows for low pressure drops across the heat sink, making it ideal for systems with standard cooling fans.
### C. Attachment Mechanism (pushPIN™)
The "R0" suffix refers to the specific attachment kit used.
- **Push Pins:** These are inserted through pre-drilled holes in the PCB.
- **Compression Springs:** These ensure a consistent, calculated pressure on the electronic component (TIM - Thermal Interface Material), which prevents damage to the silicon while maximizing heat transfer.
---
## 3. Thermal Performance
Thermal resistance indicates how efficiently the heat sink moves heat away from the component. A lower value is better.
| Airflow Velocity (LFM) | Thermal Resistance (°C/W) |
| :--- | :--- |
| 100 (0.5 m/s) | 2.41 |
| 200 (1.0 m/s) | 0.60 |
| 400 (2.0 m/s) | 0.43 |
---
## 4. Key Application Use-Cases
* **Networking Equipment:** High-speed routers and switches.
* **Embedded Systems:** Industrial PCs requiring passive or semi-active cooling.
* **Power Electronics:** Cooling MOSFETs or power modules in flat enclosures.
---
- ⤷
What is the significance of the 'C2' part of the model number?
- ⤷ Does this heat sink come with pre-applied Thermal Interface Material (TIM)?
- ⤷ What are the PCB hole requirements for the pushPIN mounting system?