ATS-18F-196-C2-R0
AI

The **ATS-18F-196-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is designed to dissipate heat from electronic integrated circuits (ICs) and other heat-generating components.
### 1. Technical Specifications
The following table highlights the core physical and thermal properties of this specific part number:
| Parameter | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Part Number** | ATS-18F-196-C2-R0 |
| **Series** | pushPIN™ |
| **Heat Sink Type** | XCUT (Cross-Cut) |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Dimensions (L x W x H)** | 45mm x 45mm x 10mm |
| **Attachment Method** | Push-Pin (Spring Loaded) |
| **Thermal Resistance** | 18.11°C/W (Natural Convection) |
---
### 2. Breakdown of the Part Number
The nomenclature for ATS heat sinks provides specific details about the component's configuration:
* **ATS-18**: Refers to the specific series or design family.
* **F**: Indicates the attachment method/type (often related to the push-pin force).
* **196**: A unique identifier for the physical size and fin arrangement.
* **C2**: Specifies the material and finish (Aluminum with a Blue Anodized coating).
* **R0**: Refers to the revision and packaging standard.
---
### 3. Key Features and Applications
The **ATS-18F-196-C2-R0** is characterized by several engineering advantages:
1. **XCUT Design:** The "cross-cut" fin geometry allows for omnidirectional airflow. This is critical in systems where the direction of the cooling fan cannot be strictly controlled or where air enters from multiple angles.
2. **pushPIN™ Attachment:** It uses a spring-loaded push-pin mechanism. This ensures consistent pressure between the heat sink and the component, optimizing thermal transfer and making installation tool-less.
3. **Low Profile:** At only 10mm in height, it is ideal for compact electronic assemblies, such as blade servers, network switches, or thin industrial computers.
4. **Pre-applied Interface:** Most models in this series come with high-performance **Phase Change Material (PCM)** or thermal grease pre-applied to the base to eliminate the need for manual application.
---
### 4. Thermal Performance Comparison
Thermal resistance ($R_{th}$) determines how effectively the part cools. Lower values are better.
| Airflow Velocity (LFM) | Thermal Resistance (°C/W) |
| :--- | :--- |
| 200 (1.0 m/s) | 18.11 |
| 400 (2.0 m/s) | 12.95 |
| 600 (3.0 m/s) | 10.76 |
- ⤷
What are the compatible mounting hole patterns for the push-pin mechanism on this heat sink?
- ⤷ How does the 'XCUT' fin design compare to straight fin designs in terms of airflow efficiency?
- ⤷ Is there a version of this part with a higher profile for better heat dissipation?