ATS-18F-183-C2-R0
AI

The part number **ATS-18F-183-C2-R0** refers to a high-performance **heat sink** manufactured by Advanced Thermal Solutions (ATS). This specific model belongs to their *maxiFLOW™* product line, designed for cooling electronic components like CPUs, GPUs, or high-power transistors.
---
### 1. Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Material** | Aluminum (Blue Anodized) |
| **Attachment Method** | pushPIN™ (Spring-loaded pins) |
| **Dimensions (L x W x H)** | 40mm x 40mm x 20mm |
| **Thermal Resistance** | 5.37°C/W (at 200 LFM) |
| **Fin Style** | Straight (maxiFLOW™ tapered fin) |
| **Thermal Interface Material** | T766 (Pre-applied phase-change material) |
---
### 2. Physical Design Components
The "Electronic Part" consists of several integrated hardware sub-components that work together to manage heat:
* **The Heat Sink Body:** Constructed from extruded aluminum. The blue anodized finish is not just for aesthetics; it provides surface protection and slightly increases emissivity for better radiation cooling.
* **maxiFLOW™ Fin Profile:** Unlike standard square fins, these feature a tapered design. This geometry increases the surface area while reducing the pressure drop of the air flowing through it, making it highly efficient for forced-air cooling.
* **pushPIN™ Attachment:** This is the mounting mechanism. It uses a plastic or brass pin combined with a stainless steel spring. This ensures a constant, calibrated pressure (force) against the electronic chip, which is critical for maximizing heat transfer.
* **TIM (Thermal Interface Material):** The "C2" in the part number indicates it comes with **T766** pre-applied. This is a high-performance material that fills the microscopic air gaps between the chip and the heat sink base.
---
### 3. Part Number Breakdown
The nomenclature follows a specific logic used by ATS:
| Segment | Meaning |
| :--- | :--- |
| **ATS** | Advanced Thermal Solutions (Manufacturer) |
| **18F** | Part series / Fin design |
| **183** | Dimensions and specific geometry code |
| **C2** | Thermal Interface Material (T766 pre-applied) |
| **R0** | RoHS compliance status / Revision |
---
### 4. Application
This part is typically found in:
* **Telecommunications:** Cooling ASICs or FPGAs.
* **Power Supplies:** Managing heat for MOSFETs.
* **Embedded Computing:** Cooling industrial-grade processors where space is limited but thermal loads are high.
- ⤷What is the difference between T766 and other thermal interface materials?
- ⤷ How do I calculate if the 5.37°C/W thermal resistance is sufficient for my chip?
- ⤷ Are there alternative mounting options if my PCB doesn't have holes for pushPINs?