ATS-18F-150-C2-R0
AI

The **ATS-18F-150-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by *Advanced Thermal Solutions (ATS)*. It belongs to the "maxiFLOW™" series, designed to dissipate heat from integrated circuits (ICs) like CPUs, GPUs, or FPGAs.
### 1. Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Part Number** | ATS-18F-150-C2-R0 |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | pushPIN™ |
| **Thermal Resistance** | 4.82°C/W (Unducted Flow @ 200 LFM) |
| **Dimensions (L x W x H)** | 45mm x 45mm x 25mm |
| **Airflow Direction** | Vertical/Straight Fin |
---
### 2. Breakdown of the Part Number
The nomenclature for ATS heat sinks follows a specific logic:
* **ATS**: Prefix for Advanced Thermal Solutions.
* **18F**: Indicates the specific fin pattern and series (maxiFLOW).
* **150**: Relates to the specific dimensions/profile (Length/Width/Height combination).
* **C2**: Refers to the thermal interface material (TIM) or specific coating/material grade.
* **R0**: Version/Revision number or specific packaging code.
---
### 3. Key Electronic/Mechanical Features
#### A. maxiFLOW™ Design
The heat sink features a high-aspect-ratio fin design that maximizes surface area while minimizing pressure drop. This is critical for electronic systems where space is limited but cooling demands are high.
#### B. pushPIN™ Attachment
Instead of using messy adhesives or weak thermal tape, this part uses a mechanical **pushPIN™** system.
* **Spring-loaded mechanism:** Ensures constant, even pressure on the chip.
* **Reliability:** Provides better thermal contact and survives higher vibration/shock environments compared to clip-on heat sinks.
#### C. Thermal Interface Material (TIM)
The "C2" designation often indicates that the part comes pre-applied with a high-performance thermal phase-change material or grease. This eliminates the need for manual application during assembly, reducing the risk of air pockets that hinder heat transfer.
---
### 4. Implementation Example
In a circuit design, this part is used to keep a high-power component within its safe **Operating Junction Temperature ($T_j$)**.
```python
# Simple Thermal Calculation
power_dissipation = 15.0 # Watts
ambient_temp = 35.0 # Celsius
thermal_resistance = 4.82 # °C/W
# Calculate Case Temperature (Estimated)
case_temp = ambient_temp + (power_dissipation * thermal_resistance)
print(f"Expected Case Temperature: {case_temp}°C")
# Output: 107.3°C (May require higher airflow to lower resistance)
```
- ⤷
What are the different pushPIN attachment sizes available for this series?
- ⤷ How does the pressure drop of this heat sink compare to standard cross-cut designs?
- ⤷ What is the specific thermal conductivity of the C2 interface material?