ATS-18F-129-C2-R0
AI

The **ATS-18F-129-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink**, manufactured by Advanced Thermal Solutions (ATS). It is designed to dissipate heat from electronic components like CPUs, GPUs, or power transistors to prevent thermal throttling or hardware failure.
---
## 1. Technical Specifications
The part number follows a specific nomenclature that defines its physical and thermal characteristics:
| Property | Description |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Series** | pushPIN™ |
| **Material** | Aluminum (AL6063) |
| **Finish** | Blue Anodized |
| **Attachment Method** | Push-Pin (Plastic) |
| **Dimension (L x W)** | 54.00 mm x 54.00 mm |
| **Height** | 20.00 mm |
| **Thermal Resistance** | 2.86°C/W (at 100 LFM) |
| **Weight** | ~48.24 grams |
---
## 2. Key Electronic Features
### A. pushPIN™ Attachment System
This heat sink utilizes a **push-pin and spring mechanism**. This is critical for electronics because it provides:
* **Constant Pressure:** Ensures a tight interface between the heat sink and the electronic component (via thermal interface material).
* **Ease of Assembly:** Can be installed manually without complex tools.
* **Mechanical Stability:** Protects the solder joints of the underlying chip from vibration and mechanical shock.
### B. Fin Design (Cross-Cut)
The "129" series typically features a **cross-cut fin pattern**. In electronic cooling, this is superior to straight fins because:
* It allows for **omni-directional airflow**, meaning air can enter from any side.
* It creates turbulence, which breaks up the air boundary layer and improves heat transfer efficiency.
### C. Thermal Interface Material (TIM)
The "R0" suffix usually indicates the inclusion of a pre-applied **T766 thermal phase change material**. This fills microscopic air gaps between the chip and the heat sink, significantly lowering thermal resistance.
---
## 3. Applications in Electronics
This specific size (54mm x 54mm) is commonly used for:
* **FPGA Cooling:** High-density programmable logic gates that generate significant heat.
* **ASICs:** Application-specific integrated circuits in networking equipment.
* **Industrial Power Supplies:** Cooling MOSFETs or IGBTs.
* **Embedded Computing:** Cooling processors in fan-assisted enclosures.
---
- ⤷
What are the different push-pin material options available for this series?
- ⤷ How does the Blue Anodized finish affect the thermal performance compared to raw aluminum?
- ⤷ What is the recommended hole size on the PCB for the ATS-18F-129-C2-R0?