ATS-18F-124-C2-R0
AI

## Technical Overview: ATS-18F-124-C2-R0
The **ATS-18F-124-C2-R0** is a high-performance heat sink manufactured by **Advanced Thermal Solutions (ATS)**. It is part of the "push pin" series designed for cooling electronic components like CPUs, GPUs, and other high-heat-generating ICs (Integrated Circuits).
---
### 1. Key Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Part Series** | pushPIN™ Heat Sink Assembly |
| **Material** | Aluminum (AL6063) |
| **Finish** | Blue Anodized |
| **Attachment Method** | Push Pin (with spring) |
| **Thermal Resistance** | 3.28°C/W (at 200 LFM) |
| **Flow Orientation** | Vertical (Cross-Cut) |
---
### 2. Physical Dimensions
The design is optimized for a square footprint commonly found on BGA (Ball Grid Array) packages.
* **Length:** 50.00 mm
* **Width:** 50.00 mm
* **Height:** 25.00 mm
* **Pitch (Hole Pattern):** 43.00 mm (center-to-center)
---
### 3. Component Characteristics
#### A. The Fin Design
The "124" in the part number refers to a specific fin configuration. This model uses a **fine-pitch** straight fin or cross-cut design. This maximizes surface area for heat dissipation while maintaining low pressure drop for air flowing through the system.
#### B. The "Push Pin" Attachment
Unlike adhesive tapes or simple clips, the `C2-R0` designation indicates a specific attachment mechanism:
* **Push Pin:** Plastic or brass pins that lock into pre-drilled holes on the PCB.
* **Springs:** Provides consistent "force-to-pressure" (TIM compression) to ensure the heat sink remains in contact with the chip under vibration or thermal expansion.
* **C2:** Refers to the specific spring force and material type.
#### C. Thermal Interface Material (TIM)
The **R0** suffix typically indicates that the heat sink comes with a **pre-applied Thermal Interface Material** (usually a high-performance phase-change material or thermal pad). This eliminates the need for manual thermal paste application.
---
### 4. Application and Use Cases
This part is commonly used in:
1. **Networking Equipment:** Switches and routers where airflow is managed by chassis fans.
2. **Embedded Systems:** Industrial PCs where mechanical stability (vibration resistance) is required.
3. **Power Electronics:** Cooling MOSFET arrays or high-speed processors.
---
- ⤷What is the difference between the C1
- ⤷ C2
- ⤷ and C3 variants of this heat sink?
- ⤷ How do I calculate the required LFM (Linear Feet per Minute) for this specific thermal resistance?
- ⤷ What are the PCB hole diameter requirements for the ATS push pin system?