ATS-18F-101-C3-R0
AI

The **ATS-18F-101-C3-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by *Advanced Thermal Solutions (ATS)*. It is part of the "push-pin" series designed for securing the thermal solution directly to a Printed Circuit Board (PCB).
---
## Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Product Series** | pushPIN™ |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | Push-Pin (Spring-loaded) |
| **Thermal Resistance** | 6.77°C/W (at 100 LFM) |
| **Fin Style** | Straight (Fine Pitch) |
---
## Key Components & Physical Dimensions
The part is engineered for precision cooling in compact electronic assemblies.
### 1. Physical Dimensions
* **Length:** 45.00 mm
* **Width:** 45.00 mm
* **Height:** 30.00 mm
* **Hole Spacing:** 38.00 mm (center-to-center)
### 2. Attachment System (Push-Pins)
The "R0" designation refers to the specific attachment hardware. It uses a **brass or plastic push-pin with a stainless steel spring**. This provides:
* **Consistent Pressure:** Ensures the thermal interface material (TIM) is compressed evenly against the component (CPU/GPU/FPGA).
* **Secure Mounting:** Reduces the risk of the heat sink shifting during mechanical shock or vibration.
### 3. Thermal Interface Material (TIM)
The "C3" in the part number indicates that this model typically comes with **pre-applied T766 Phase Change Material** or similar high-performance grease. This eliminates the need for manual thermal paste application.
---
## Performance Characteristics
The thermal efficiency of the ATS-18F-101-C3-R0 depends heavily on the airflow (measured in Linear Feet per Minute - LFM):
| Airflow Velocity | Thermal Resistance (Unducted) |
| :--- | :--- |
| 100 LFM (0.5 m/s) | 6.77 °C/W |
| 300 LFM (1.5 m/s) | 2.50 °C/W |
| 500 LFM (2.5 m/s) | 1.84 °C/W |
### Summary of Benefits
* **Aerodynamic Fin Design:** Optimizes airflow through the fins to maximize heat dissipation.
* **Ease of Assembly:** The push-pin design allows for rapid installation on high-volume production lines.
* **Lightweight:** Being aluminum, it provides excellent thermal conductivity without adding excessive weight to the PCB.
- ⤷
What are the PCB hole size requirements for this push-pin model?
- ⤷ How does the 'Blue Anodized' finish affect thermal performance compared to bare aluminum?
- ⤷ Can this heat sink be used with a custom fan attachment?