ATS-18D-76-C2-R0
AI

The **ATS-18D-76-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by **Advanced Thermal Solutions (ATS)**.
Below is a detailed breakdown of its specifications and design features.
---
### 1. Technical Specifications
The part belongs to the **pushPIN™** series, designed for easy installation and high thermal efficiency on Printed Circuit Boards (PCBs).
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Series** | pushPIN™ |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Type** | Push-Pin (Spring-loaded) |
| **Thermal Resistance** | 11.57 °C/W (at 100 LFM) |
| **Dimensions (L x W x H)** | 25.00mm x 25.00mm x 15.00mm |
---
### 2. Physical Design & Dimensions
The physical footprint is compact, making it ideal for high-density electronic assemblies.
* **Footprint (X-Y):** 25mm x 25mm.
* **Height (Z):** 15mm (Low profile for height-restricted enclosures).
* **Hole Pattern:** 30mm center-to-center for mounting.
* **Fin Style:** **Fine-Pitch** design. This provides a larger surface area relative to its size, which is critical for cooling chips with high heat density.
---
### 3. Thermal Performance (LFM - Linear Feet per Minute)
The efficiency of the heat sink changes based on the airflow (forced convection) within the system:
| Air Velocity (LFM) | 100 | 200 | 300 | 400 | 500 | 600 | 700 |
| :--- | :--- | :--- | :--- | :--- | :--- | :--- | :--- |
| **Unducted Flow (°C/W)** | 11.57 | 4.48 | 3.03 | 2.47 | 2.14 | 1.91 | 1.74 |
| **Ducted Flow (°C/W)** | 2.96 | 2.08 | 1.76 | 1.57 | 1.44 | 1.34 | 1.25 |
---
### 4. Mounting Mechanism (pushPIN™)
The "R0" suffix indicates the specific mounting kit.
* **Attachment:** The part uses a push-pin and spring mechanism. This ensures a consistent pressure (Force) across the component, optimizing the thermal interface material (TIM) performance.
* **Interface Material:** Usually comes pre-applied with a **T766 Phase Change Material**, which fills microscopic air gaps between the chip and the heat sink.
---
### 5. Common Applications
This specific size and performance profile are commonly used for:
* **BGA (Ball Grid Array) Chips:** Small processors or FPGAs.
* **Telecommunications:** Cooling network switches or routers.
* **Power Supplies:** Heat dissipation for voltage regulators.
- ⤷
What are the advantages of using push-pin mounting over adhesive tapes for heat sinks?
- ⤷ How does the 'Blue Anodized' finish affect thermal performance and durability?
- ⤷ What is the difference between ducted and unducted thermal resistance in this context?