ATS-18D-65-C2-R0
AI

The **ATS-18D-65-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is designed to dissipate heat from electronic components like CPUs, GPUs, or high-power transistors.
---
### 1. Technical Specifications
The part number follows a specific nomenclature used by ATS to describe its physical and thermal properties.
| Feature | Specification | Details |
| :--- | :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions Inc. | Part of the "pushPIN™" Series |
| **Material** | Aluminum | Lightweight with high thermal conductivity |
| **Finish** | Blue Anodized | Protects against corrosion and increases emissivity |
| **Attachment Method** | pushPIN™ | Uses a spring-loaded pin for secure mounting |
| **Base Dimensions** | 45mm x 45mm | Standard square footprint |
| **Height** | 30.00mm | Vertical clearance required |
| **Thermal Resistance** | 1.91°C/W (at 100 LFM) | Lower is better for heat dissipation |
---
### 2. Key Components & Design
#### A. pushPIN™ Attachment System
This part features a specialized mounting mechanism. Instead of adhesive tape, it uses pre-assembled **spring-loaded pins**.
* **Pressure:** Ensures consistent contact pressure between the heat sink and the component.
* **Stability:** Features 4-corner mounting to prevent tilting or uneven cooling.
#### B. High-Performance Thermal Interface Material (TIM)
The "C2" in the part number indicates that it comes with **T766 Phase Change Material**. This is a thermal grease/pad applied to the base that fills microscopic air gaps between the heat sink and the chip to maximize heat transfer.
#### C. Fin Geometry
The "D" in the series usually denotes a specific fin pattern (Cross-cut or straight) designed to maximize surface area while allowing airflow to pass through with minimal resistance (Pressure Drop).
---
### 3. Application Use Cases
This specific heat sink is typically found in:
* **Telecommunications:** High-speed routers and switches.
* **Industrial PCs:** Computers operating in high-ambient temperature environments.
* **Power Supplies:** Cooling MOSFETs and power regulators.
* **Embedded Systems:** High-performance ARM or FPGA boards.
---
### 4. Thermal Performance Data
*Measured at different airflow rates (LFM = Linear Feet per Minute):*
| Airflow Velocity | 100 LFM | 300 LFM | 500 LFM |
| :--- | :--- | :--- | :--- |
| **Thermal Resistance** | 1.91 °C/W | 1.05 °C/W | 0.82 °C/W |
- ⤷
What is the difference between blue anodized and black anodized finishes for heat sinks?
- ⤷ How do I calculate if the 1.91°C/W resistance is sufficient for my 20W processor?
- ⤷ Can the pushPIN attachment be reused if I move the heat sink to a new board?