ATS-18D-50-C2-R0
AI

The **ATS-18D-50-C2-R0** is a specific high-performance heat sink manufactured by **Advanced Thermal Solutions (ATS)**. It is part of their "Blue" line of heat sinks designed for electronic cooling applications.
Below is a breakdown of its technical specifications and features.
---
## 1. Technical Specifications
| Specification | Value |
| :--- | :--- |
| **Part Number** | ATS-18D-50-C2-R0 |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | pushPIN™ |
| **Dimensions (L x W x H)** | 35.00mm x 35.00mm x 15.00mm |
| **Fin Style** | Fine-Pitch (Straight Fin) |
| **Thermal Resistance** | 19.03 °C/W @ 100 LFM |
| **Pressure Drop** | 0.10 in. H2O @ 200 LFM |
---
## 2. Key Electronic Components & Features
### A. Material and Thermal Conductivity
The unit is made from high-grade aluminum. The **Blue Anodized** finish is not just for aesthetics; it provides surface protection against corrosion and slightly increases emissivity, which improves heat radiation in low-airflow environments.
### B. pushPIN™ Attachment System
This heat sink uses the proprietary ATS **pushPIN™** system. This is a critical mechanical part for electronics because:
* It ensures a precise, high-pressure fit against the chip.
* The built-in springs allow for uniform pressure, preventing damage to delicate BGA (Ball Grid Array) components.
* It is designed for easy installation and is compatible with pre-drilled holes in the PCB.
### C. Fin Geometry
The "D" in the part number indicates a specific fin pattern designed for high-density cooling. The straight-fin design is optimized for environments where there is a consistent directional airflow, allowing air to pass through the gaps and wick heat away from the base plate.
### D. Thermal Interface Material (TIM)
The "C2" suffix typically denotes that the heat sink comes pre-applied with a thermal interface material (like T766 or similar). This eliminates the need for manual thermal paste application and ensures optimal heat transfer between the electronic component and the heat sink.
---
## 3. Common Applications
This heat sink is typically found on the following electronic components:
1. **Processors (CPUs/GPUs):** For low-power embedded systems.
2. **ASICs and FPGAs:** Used in telecommunications and data processing hardware.
3. **Power Electronics:** Voltage regulators and motor drivers that generate localized heat.
---
- ⤷
What is the significance of the 'R0' suffix in the part number?
- ⤷ How do I calculate the correct hole diameter for the pushPIN system?
- ⤷ Is this heat sink compatible with standard 35mm BGA components?