AI

The **ATS-18D-49-C2-R0** is a high-performance thermal management component, specifically a **Heat Sink**, manufactured by Advanced Thermal Solutions, Inc. (ATS). It is designed to dissipate heat from electronic components like CPUs, GPUs, or power transistors to prevent thermal throttling or damage.
---
### 1. Technical Specifications
The part number follows a specific nomenclature that defines its physical and thermal characteristics:
| Property | Specification | Details |
| :--- | :--- | :--- |
| **Type** | push-PIN™ Heat Sink | Mechanical attachment system |
| **Material** | Aluminum | Lightweight with high thermal conductivity |
| **Finish** | Blue Anodized | Increases surface emissivity and corrosion resistance |
| **Dimensions** | 25mm x 25mm x 20mm | Square footprint with 20mm height |
| **Fin Type** | Fine Pitch / Straight | Optimized for high-airflow environments |
| **Thermal Resistance** | 5.41 °C/W (@ 100 LFM) | Rate of heat transfer efficiency |
---
### 2. Key Electronic Features
#### A. Attachment Mechanism (push-PIN™)
Unlike adhesive-based heat sinks, this model uses a **push-PIN™** system with a flexible spring.
* **Benefits:** Provides consistent pressure for better thermal interface material (TIM) contact.
* **Reliability:** Resistant to vibration and shock, making it suitable for industrial electronics.
#### B. Thermal Performance
The unit is designed for "Flow-Thru" cooling. As air moves through the fins, the aluminum absorbs heat from the component and releases it into the air stream.
* **Convection:** At 100 LFM (Linear Feet per Minute), it provides a resistance of 5.41 °C/W.
* **High Velocity:** At 700 LFM, the resistance drops significantly, allowing for high-density power dissipation.
#### C. Thermal Interface Material (TIM)
The "R0" suffix typically indicates that the part comes with **ATS-PPS-02** or a similar pre-applied phase-change material or thermal pad, ensuring a low-resistance path between the component and the heat sink.
---
### 3. Typical Applications
* **BGA (Ball Grid Array) Cooling:** Used for small processors or chipsets.
* **Power Modules:** Cooling MOSFETs or voltage regulators.
* **Telecommunications:** Cooling chips in routers, switches, and base stations.
* **Embedded Systems:** Industrial PCs where space is limited but cooling is critical.
---
- ⤷
How does the 'push-PIN' attachment system compare to thermal adhesive or tape?
- ⤷ What is the significance of the 'Blue Anodized' finish on thermal performance?
- ⤷ How do I calculate if the 5.41 °C/W thermal resistance is sufficient for my specific chip?