ATS-18D-36-C2-R0
AI

The **ATS-18D-36-C2-R0** is a specific electronic cooling component, categorized as a high-performance **Heat Sink**. It is manufactured by *Advanced Thermal Solutions (ATS)* as part of their "maxiFLOW" product line, designed to dissipate heat from surface-mount components like CPUs, FPGAs, and GPUs.
---
## Technical Specifications
The following table outlines the physical and thermal properties of this specific part:
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Product Line** | maxiFLOW™ |
| **Base Dimensions** | 36.83mm x 36.83mm |
| **Height** | 17.78mm |
| **Material** | Aluminum (Anodized Blue) |
| **Attachment Method** | pushPIN™ (Spring-loaded) |
| **Thermal Resistance** | 3.72°C/W (at 200 LFM) |
| **Airflow Path** | Horizontal (Spread Fin Design) |
---
## Key Components & Features
### 1. The Fin Design (maxiFLOW™)
Unlike standard straight-fin heat sinks, the ATS-18D-36-C2-R0 uses a **tapered fin design**. This increases the surface area for heat dissipation while reducing pressure drop, allowing air to flow more efficiently through the fins.
### 2. pushPIN™ Attachment
The "R0" suffix indicates the inclusion of a specialized mounting system:
* **Compression Springs:** Provide precise pressure to ensure maximum contact between the heat sink and the chip.
* **Plastic/Brass Pins:** Inserted through pre-drilled holes in the Printed Circuit Board (PCB).
* **Ease of Assembly:** Allows for secure mechanical attachment without the need for adhesives.
### 3. Thermal Interface Material (TIM)
This model typically comes with a pre-applied **Phase Change Material** or thermal pad on the base. This fills the microscopic air gaps between the component and the heat sink, ensuring efficient heat transfer.
---
## Part Number Breakdown
Understanding the nomenclature helps in identifying variations:
| Segment | Meaning |
| :--- | :--- |
| **ATS** | Manufacturer (Advanced Thermal Solutions) |
| **18D** | Series / Design Type |
| **36** | Dimension size (approx. 36mm) |
| **C2** | Thermal Performance/Height code |
| **R0** | RoHS Compliant / Revision code |
---
## Application Use Cases
* **Telecommunications:** Cooling for high-speed routers and switches.
* **Industrial:** Thermal management for embedded controllers.
* **Computing:** Secondary cooling for chipsets or power modules on motherboards.
- ⤷
What are the different pushPIN attachment options for this heat sink?
- ⤷ How does the 'C2' height variant compare to 'C1' in terms of thermal resistance?
- ⤷ Is this heat sink compatible with standard 36mm BGA components?