công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • ATS-18D-29-C2-R0

  • AI
    ## Analysis of ATS-18D-29-C2-R0 The **ATS-18D-29-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by **Advanced Thermal Solutions (ATS)**. It belongs to the **blueICE™** series, characterized by its high-efficiency cross-cut fin design. --- ### Technical Specifications | Feature | Specification | | :--- | :--- | | **Part Number** | ATS-18D-29-C2-R0 | | **Component Type** | Heat Sink | | **Thermal Resistance** | 7.57°C/W (at 200 LFM) | | **Material** | Aluminum (AL6063) | | **Finish** | Blue Anodized | | **Dimensions (L x W x H)** | 45.00mm x 45.00mm x 20.00mm | | **Attachment Method** | pushPIN™ (Spring-loaded pins) | | **Interface Material** | T766 (Thermal Interface Material) | --- ### Key Electronic & Physical Components #### 1. Heat Sink Body (Thermal Dissipator) The body is constructed from **Aluminum 6063**, which offers high thermal conductivity while remaining lightweight. The "29-C2" designation refers to the specific fin density and configuration designed for high airflow environments. #### 2. pushPIN™ Attachment System Instead of simple adhesives, this part uses a mechanical **pushPIN™** system. This provides: * **Constant Pressure:** Ensures the thermal interface material is compressed evenly against the electronic component (CPU/GPU/FPGA). * **Vibration Resistance:** Securely locks the heat sink to the PCB using pre-drilled holes. #### 3. Thermal Interface Material (TIM) The part comes pre-applied with **ATS-T766**. This is a high-performance phase-change material that fills microscopic air gaps between the heat sink and the chip to maximize heat transfer. #### 4. Fin Design The fins are **cross-cut**, which allows for airflow from multiple directions. This is critical in dense electronic enclosures where airflow may not be strictly linear. --- ### Application Usage This part is typically used for cooling mid-to-high power electronic components such as: * **ASICs and FPGAs** in networking equipment. * **Power Converters** in industrial automation. * **Embedded Processors** in telecommunications. ---
    ✨ Follow-up Questions
    • ⤷ What are the specific PCB hole sizes required for the pushPIN attachment?
    • ⤷ How does the blue anodized finish affect the thermal performance compared to raw aluminum?
    • ⤷ What is the weight of the ATS-18D-29-C2-R0 heat sink?