ATS-18D-182-C2-R0
AI

The **ATS-18D-182-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is designed to dissipate heat from electronic integrated circuits (ICs) like CPUs, GPUs, or FPGAs.
---
### 1. Technical Specifications
The part number follows a specific nomenclature used by Advanced Thermal Solutions. Here are the core technical parameters:
| Parameter | Specification |
| :--- | :--- |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | pushPIN™ (Spring-loaded) |
| **Dimensions (L x W)** | 40mm x 40mm |
| **Height** | 15mm |
| **Thermal Resistance** | 7.51°C/W (Unducted Flow @ 200 LFM) |
| **Fin Type** | Fine Pitch (straight fins) |
---
### 2. Key Components & Design Features
#### A. The pushPIN™ Attachment System
Unlike adhesive tapes or simple clips, this part uses the **pushPIN™** system.
* **Mechanism:** It utilizes a flexible, spring-loaded mechanism that ensures even pressure across the component surface.
* **Reliability:** This provides better thermal interface material (TIM) contact and prevents the heat sink from shifting during mechanical shock or vibration.
#### B. Material and Finish
* **Aluminum 6063:** Chosen for its excellent balance between thermal conductivity and weight.
* **Blue Anodization:** This is not just for aesthetics; the anodized layer provides corrosion resistance and increases surface emissivity, which slightly improves radiative cooling.
#### C. Fin Geometry
The "D" in the part number signifies a specific fin pattern designed for **high-performance airflow**. The fine pitch allows for a larger surface area within a compact 40x40mm footprint, making it ideal for high-density PCB layouts.
---
### 3. Thermal Performance Comparison
Thermal performance varies based on the airflow (LFM - Linear Feet per Minute) within the electronic enclosure:
| Air Velocity (LFM) | Thermal Resistance (°C/W) |
| :--- | :--- |
| 100 (0.5 m/s) | 11.83 |
| 200 (1.0 m/s) | 7.51 |
| 300 (1.5 m/s) | 5.83 |
| 500 (2.5 m/s) | 4.37 |
---
### 4. Implementation Requirements
To use this part in a circuit design, the PCB must have:
1. **Pre-drilled Holes:** Two holes spaced according to the pushPIN™ pitch (usually 33mm or 45mm depending on the specific bracket).
2. **Thermal Interface Material (TIM):** A phase-change material or thermal grease should be applied between the chip and the aluminum base to bridge microscopic air gaps.
- ⤷What is the difference between pushPIN and adhesive thermal attachments?
- ⤷ How do I calculate the required LFM for this heat sink?
- ⤷ What are the alternative finishes available for the ATS-18 series?