ATS-18D-16-C2-R0
AI

The **ATS-18D-16-C2-R0** is a specific electronic cooling component manufactured by **Advanced Thermal Solutions (ATS)**. It is part of the "pushPIN™" Heat Sink System designed for high-performance cooling of integrated circuits (ICs) and other electronic components.
---
### 1. Key Technical Specifications
Below is a breakdown of the physical and thermal properties of this specific model:
| Parameter | Specification |
| :--- | :--- |
| **Material** | Aluminum (Al) |
| **Finish** | Blue Anodized |
| **Base Dimensions** | 40mm x 40mm |
| **Height** | 25mm |
| **Fin Style** | Straight Fin |
| **Attachment Type** | pushPIN™ |
| **Thermal Resistance** | 1.80 °C/W (@ 100 LFM) |
| **Spring Type** | ATS-PPS-18 |
---
### 2. Component Features
#### A. Thermal Management
The heat sink is designed with a **Straight Fin** geometry. This design is optimized for environments with a defined airflow direction, allowing heat to dissipate efficiently from the electronic package into the surrounding air.
#### B. The pushPIN™ Attachment System
One of the most critical aspects of this part is its mounting mechanism:
* **Ease of Install:** Uses a push-button mechanism that snaps into pre-drilled holes on the PCB.
* **Consistent Pressure:** It features a compression spring (ATS-PPS-18) that ensures even pressure across the thermal interface material (TIM), preventing hotspots.
* **Reliability:** The brass or plastic pins provide a secure mechanical lock, making it suitable for high-vibration environments.
#### C. Material and Coating
* **Aluminum 6063:** Provides high thermal conductivity while remaining lightweight.
* **Blue Anodized Finish:** This is not just for aesthetics; the anodization process protects the aluminum from corrosion and slightly increases surface emissivity for better radiant heat transfer.
---
### 3. Part Number Breakdown
The part number **ATS-18D-16-C2-R0** can be decoded as follows:
* **ATS:** Advanced Thermal Solutions (Manufacturer).
* **18:** Series/Spring type identification.
* **D:** Pin material or specific series variation.
* **16:** Designates the specific fin and base dimensions.
* **C2:** Indicates the thermal interface material (TIM) type (often pre-applied T766 phase-change material).
* **R0:** Revision code or packaging indicator.
---
### 4. Applications
This component is commonly used in:
* **Networking Equipment:** Routers and switches.
* **Embedded Systems:** Industrial PCs and controllers.
* **Power Supplies:** Cooling MOSFETs or power regulators.
* **Telecommunications:** Base station hardware where reliability is paramount.
- ⤷
What are the compatible PCB hole patterns for the pushPIN system used in this heatsink?
- ⤷ How does the thermal resistance of this model change at different airflow velocities (LFM)?
- ⤷ Can the pre-applied thermal interface material (C2) be customized for different heat loads?