ATS-18D-142-C2-R0
AI

The part number **ATS-18D-142-C2-R0** refers to a high-performance **Heatsink** manufactured by *Advanced Thermal Solutions (ATS)*. This component is part of their "maxiFLOW" series, designed specifically for cooling electronic components like CPUs, GPUs, and ASICs.
---
### 1. Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Material** | Aluminum (Black Anodized) |
| **Attachment Method** | pushPIN™ (Spring-loaded pins) |
| **Thermal Resistance** | 3.92°C/W (at 200 LFM) |
| **Dimensions** | 30mm x 30mm x 15mm |
| **Flow Pattern** | maxiFLOW (Tapered fin design) |
| **Interface Material** | T766 (Thermal Phase Change Material) |
---
### 2. Breakdown of the Part Number
The alphanumeric code provides specific details about the physical and thermal properties of the unit:
* **ATS**: Manufacturer prefix.
* **18D**: Denotes the specific family or internal design series.
* **142**: Refers to the physical dimensions and fin configuration.
* **C2**: Indicates the **Thermal Interface Material (TIM)** type and color/finish (C2 usually refers to Black Anodized finish).
* **R0**: Version/Revision number (Standard ROHS compliant).
---
### 3. Key Electronic Functions
While a heatsink is a mechanical part, its role in an electronic system is critical for performance and longevity:
1. **Thermal Management**: It conducts heat away from semiconductor junctions to prevent "Thermal Throttling" (where a processor slows down to stay cool).
2. **Increased Component Lifespan**: By keeping the operating temperature within the manufacturer's specification, it prevents premature failure due to heat stress.
3. **High-Efficiency Fin Design**: The **maxiFLOW™** design features a "spread" fin geometry which increases surface area and maximizes airflow, making it ideal for systems with high-velocity air cooling.
4. **Secure Attachment**: The **pushPIN™** system uses a brass or plastic pin with a high-tension spring to ensure a consistent pressure against the chip, which is vital for optimal heat transfer.
---
### 4. Ideal Applications
* **Embedded Systems**: Small-form-factor PCs.
* **Telecommunications**: High-speed routers and switches.
* **Power Electronics**: Voltage regulators that generate significant heat.
* **LED Cooling**: High-wattage LED arrays requiring compact thermal solutions.
- ⤷
What is the difference between pushPIN and adhesive mounting for this heatsink?
- ⤷ How does the 'maxiFLOW' fin design compare to standard straight fins?
- ⤷ Is the T766 thermal interface material pre-applied to this specific part?