ATS-18D-01-C2-R0
AI

The **ATS-18D-01-C2-R0** is a high-performance electronic thermal management component, specifically a **Heatsink** designed by Advanced Thermal Solutions (ATS). It belongs to the **pushPIN™** series, which is engineered for secure and efficient cooling of electronic components like CPUs, GPUs, and power modules.
---
### 1. Technical Specifications
Below are the primary physical and thermal properties of this specific part:
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Material** | Aluminum (High Performance) |
| **Finish** | Blue Anodized |
| **Dimensions (L x W x H)** | 40mm x 40mm x 10mm |
| **Attachment Type** | pushPIN™ (Spring-loaded) |
| **Thermal Resistance** | 21.90 °C/W (Unducted Flow @ 100 LFM) |
| **Thermal Interface Material (TIM)** | T766 (Pre-applied) |
---
### 2. Design Characteristics
The part is characterized by several key engineering features:
* **Finned Profile:** It utilizes a **Straight-Fin** design. This is optimized for systems where the airflow direction is predictable and constant.
* **Push-Pin Attachment:** Instead of messy adhesives or clips, it uses a mechanical push-pin system with a compression spring. This ensures:
* Consistent pressure across the component surface.
* Easier installation and removal for maintenance.
* **Low Profile:** At only 10mm height, it is ideal for thin-client devices, 1U servers, or space-constrained PCB enclosures.
---
### 3. Thermal Performance Metrics
Thermal resistance (measured in °C/W) varies based on the velocity of the air moving through the fins (LFM - Linear Feet per Minute):
| Air Velocity (LFM) | 100 (0.5 m/s) | 300 (1.5 m/s) | 500 (2.5 m/s) |
| :--- | :--- | :--- | :--- |
| **Thermal Resistance (°C/W)** | 21.90 | 5.80 | 3.50 |
---
### 4. Part Number Decoder
The part number **ATS-18D-01-C2-R0** can be broken down as follows:
* **ATS**: Advanced Thermal Solutions.
* **18D**: Series identifier (specific fin geometry/style).
* **01**: Size/Height configuration.
* **C2**: Color/Finish (Blue Anodized) and Material (Aluminum).
* **R0**: Revision or specific packaging version.
---
- ⤷
What are the mounting hole dimensions required for the ATS-18D-01-C2-R0?
- ⤷ How does the T766 thermal interface material compare to standard thermal grease?
- ⤷ Can this heatsink be used in passive cooling environments without a fan?