ATS-18B-72-C3-R0
AI

The **ATS-18B-72-C3-R0** is a high-performance electronic thermal management component, specifically a **push-pin heat sink** manufactured by Advanced Thermal Solutions (ATS). It is designed to dissipate heat from surface-mount components like BGA (Ball Grid Array) chips or CPUs in tight electronic assemblies.
---
### 1. Technical Specifications
Below are the primary physical and thermal characteristics of the component:
| Feature | Specification |
| :--- | :--- |
| **Material** | Aluminum (AL6063) |
| **Finish** | Blue Anodized |
| **Attachment Method** | Push-Pin (Plastic) with Compression Spring |
| **Thermal Resistance** | 5.19 °C/W (@ 100 LFM) |
| **Flow Direction** | Vertical (Straight Fin) |
| **Dimensions (L x W x H)** | 45mm x 45mm x 15mm |
| **Thermal Interface Material** | T766 (Pre-applied Phase Change Material) |
---
### 2. Electronic/Mechanical Parts Breakdown
The assembly consists of four primary sub-components that work together to protect electronic circuits from overheating:
#### A. The Heat Sink Body (Straight Fin)
* **Role:** The primary heat exchanger.
* **Design:** Uses straight fins which are optimized for air-cooled environments where airflow is directed through the channels.
* **Material:** Aluminum is used for its high thermal conductivity and lightweight properties.
#### B. Push-Pin Fasteners
* **Role:** Secure the heat sink to the Printed Circuit Board (PCB).
* **Mechanism:** These are plastic pins that pass through pre-drilled holes in the PCB. They allow for easy installation and ensure consistent pressure without the need for tools.
#### C. Compression Springs
* **Role:** Pressure regulation.
* **Detail:** The springs are located around the push-pins. They ensure the heat sink maintains a firm, constant contact with the electronic component (die), which is critical for efficient heat transfer.
#### D. Thermal Interface Material (TIM)
* **Role:** Fills microscopic air gaps.
* **Type:** This specific model uses **T766**, a high-performance phase-change material. When the chip heats up, the material softens to fill all voids between the chip surface and the heat sink base.
---
### 3. Application Use Cases
The ATS-18B-72-C3-R0 is typically used in the following electronic sectors:
1. **Telecommunications:** Cooling of high-speed networking processors.
2. **Embedded Computing:** Protecting SoCs (System on Chips) in industrial computers.
3. **Power Supplies:** Managing thermal loads on power MOSFETs or VRMs.
- ⤷
How does the thermal resistance of this heat sink change at higher airflow (LFM)?
- ⤷ What are the PCB hole requirements for the push-pin mounting system?
- ⤷ Can the T766 thermal interface material be replaced with standard thermal paste?