ATS-18B-69-C2-R0
AI

The **ATS-18B-69-C2-R0** is a specific electronic cooling component, categorized as a **High-Performance Heat Sink** manufactured by *Advanced Thermal Solutions (ATS)*. It is part of the "maxiFLOW" product line, designed to dissipate heat from high-heat-generating electronic components like processors, FPGAs, and ASICs.
---
### 1. Technical Specifications
The part number follows a specific nomenclature used by ATS to define its physical and thermal characteristics.
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions, Inc. (ATS) |
| **Series** | maxiFLOW™ |
| **Material** | Aluminum (with Blue Anodized Finish) |
| **Attachment Method** | pushPIN™ (Spring-loaded pins) |
| **Dimensions (L x W x H)** | 45.00mm x 40.00mm x 20.00mm |
| **Thermal Resistance** | 4.07°C/W (at 200 LFM) |
| **Fin Style** | Tapered Fin (Optimizes airflow) |
---
### 2. Key Component Features
#### A. Tapered Fin Design (maxiFLOW™)
Unlike standard straight-fin heat sinks, the maxiFLOW™ design uses a flared or tapered fin structure. This increases the surface area for heat dissipation while reducing pressure drop, allowing air to flow more efficiently through the fins.
#### B. pushPIN™ Attachment
The "R0" suffix often indicates the inclusion of the **pushPIN™** mounting system. This system consists of:
* **Brass/Plastic Pins:** Used to secure the heat sink to the PCB.
* **Compression Springs:** Provides precise, consistent pressure (preload) on the thermal interface material (TIM) to ensure optimal heat transfer.
#### C. Material and Finish
* **Aluminum:** Chosen for its balance between thermal conductivity and weight.
* **Blue Anodized Coating:** Provides corrosion resistance and slightly improves radiative heat transfer.
---
### 3. Thermal Performance Data
Performance is measured by how effectively the part removes heat per unit of airflow (Linear Feet per Minute - LFM).
| Airflow Velocity (LFM) | Thermal Resistance (°C/W) |
| :--- | :--- |
| 100 (Unducted) | 7.29 |
| 200 (Unducted) | 4.07 |
| 300 (Unducted) | 3.15 |
| 400 (Unducted) | 2.66 |
---
### 4. Typical Applications
This part is typically found in hardware where space is constrained but heat density is high:
* **Networking Gear:** Switches and Routers.
* **Telecommunications:** Base stations and signal processing units.
* **Industrial Computing:** Embedded controllers and power supplies.
---
- ⤷
What are the different types of pushPIN materials available for this heat sink?
- ⤷ How does the 'C2' designation in the part number affect the thermal interface material?
- ⤷ What is the weight of the ATS-18B-69-C2-R0?