ATS-18B-65-C2-R0
AI

The **ATS-18B-65-C2-R0** is a high-performance electronic thermal management component. Specifically, it is a **Heatsink** designed by *Advanced Thermal Solutions (ATS)*, intended for cooling electronic components such as BGA (Ball Grid Array) packages, CPUs, or GPUs.
Below are the detailed specifications and characteristics of this part.
### 1. Technical Specifications
| Parameter | Detail |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions, Inc. (ATS) |
| **Series** | pushPIN™ |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | Push-Pin (Plastic or Brass) |
| **Thermal Resistance** | 7.29 °C/W (at 100 LFM) |
| **Dimensions (L x W x H)** | 45.00mm x 45.00mm x 20.00mm |
---
### 2. Design Characteristics
The part number follows a specific nomenclature used by ATS to describe its physical properties:
* **Fin Profile:** It features a **Straight-Fin** design. This is ideal for systems with clear, unidirectional airflow.
* **Thermal Interface Material (TIM):** This part usually comes pre-applied with **T766** thermal phase change material, which improves the heat transfer between the chip and the aluminum base.
* **Attachment Mechanism:** It utilizes a **Push-Pin** system with a compression spring. This ensures even pressure across the electronic component, preventing damage while maintaining constant thermal contact.
---
### 3. Application Use Cases
This specific heatsink is commonly found in:
1. **Network Switches/Routers:** Cooling high-speed processing chips.
2. **Industrial PCs:** Ensuring stability in fanless or high-airflow enclosures.
3. **Embedded Systems:** Managing heat on SoCs (System on Chips) where space is limited but vertical clearance allows for a 20mm height.
---
### 4. Thermal Performance Data
Performance varies based on the Air Velocity (Measured in Linear Feet per Minute - LFM):
| Velocity (LFM) | Resistance (°C/W) |
| :--- | :--- |
| 100 | 7.29 |
| 200 | 2.48 |
| 300 | 1.47 |
| 400 | 1.13 |
- ⤷
What are the alternative attachment methods to Push-Pins for this heatsink size?
- ⤷ How does the Blue Anodized finish affect the thermal emissivity of the part?
- ⤷ Is there a low-profile version of the ATS-18B series available?