ATS-18B-64-C2-R0
AI

The **ATS-18B-64-C2-R0** is a high-performance thermal management component, specifically a **Heat Sink**, manufactured by Advanced Thermal Solutions (ATS). It is designed to dissipate heat from electronic components like CPUs, GPUs, or FPGAs.
---
## 1. Technical Specifications
The part number follows a specific nomenclature used by ATS to describe its physical and thermal characteristics.
| Feature | Specification | Description |
| :--- | :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions | Leading provider of thermal management. |
| **Material** | Aluminum | Lightweight with high thermal conductivity. |
| **Finish** | Blue Anodized | Increases surface emissivity and corrosion resistance. |
| **Attachment Method** | pushPIN™ | Uses a spring-loaded pin for secure mounting. |
| **Dimension (L x W)** | 45mm x 45mm | The footprint of the heat sink base. |
| **Height** | 25mm | The vertical profile (fin height + base). |
| **Thermal Resistance** | 9.39°C/W (Unducted) | Performance at natural convection/low airflow. |
---
## 2. Key Electronic Components & Design
### A. The pushPIN™ Attachment System
This is the "mechanical-electronic" interface. The R0 suffix indicates the specific hardware used to mount the heat sink to the PCB (Printed Circuit Board).
* **Springs:** Provide precise pressure to ensure the thermal interface material (TIM) is compressed for maximum heat transfer.
* **Brass/Plastic Pins:** Ensure the heat sink does not shift during vibration or shipping.
### B. Fin Geometry: mini-FAN
The "64" in the part number refers to a specific fin pattern.
* **Cross-Cut Fins:** The fins are not just straight lines; they are cut to allow airflow from multiple directions.
* **Efficiency:** This design is optimized for environments where airflow might be turbulent or non-directional.
### C. Thermal Interface Material (TIM)
Typically, these units come pre-applied with **ATS-PPS-02** or similar thermal tape/grease. This fills the microscopic air gaps between the electronic component (die) and the aluminum base of the heat sink.
---
## 3. Application Use Cases
This specific heat sink is categorized as a **Medium-Profile** solution, used in:
1. **Telecommunications:** High-speed routers and switches.
2. **Embedded Systems:** Industrial PCs where space is limited but cooling is critical.
3. **Power Supplies:** Cooling MOSFETs or power regulators.
---
## 4. Performance Data (Airflow)
Thermal resistance decreases as airflow (measured in Linear Feet per Minute - LFM) increases:
| Air Velocity (LFM) | Thermal Resistance (°C/W) |
| :--- | :--- |
| 100 (0.5 m/s) | 9.39 |
| 300 (1.5 m/s) | 3.69 |
| 500 (2.5 m/s) | 2.58 |
---
- ⤷
What is the difference between the C2 and R0 suffixes in ATS part numbers?
- ⤷ How do I calculate if the 9.39°C/W resistance is sufficient for my specific CPU?
- ⤷ What are the PCB hole requirements for the pushPIN mounting system?