ATS-18B-57-C2-R0
AI

The **ATS-18B-57-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by **Advanced Thermal Solutions (ATS)**.
Below is a detailed breakdown of its specifications and electronic application.
---
## 1. Technical Specifications
This part belongs to the **pushPIN™** Heat Sink Assembly series, designed for efficient cooling of electronic components like CPUs, GPUs, and ASICs.
| Parameter | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions, Inc. (ATS) |
| **Part Number** | ATS-18B-57-C2-R0 |
| **Material** | Aluminum (AL6063) |
| **Finish** | Blue Anodized |
| **Attachment Method** | pushPIN™ (Spring-loaded) |
| **Thermal Resistance** | 13.16°C/W (Unducted @ 100 LFM) |
| **Thermal Interface Material (TIM)** | T766 (Pre-applied) |
---
## 2. Physical Dimensions
Precise measurements are critical for PCB layout and ensuring no interference with surrounding surface-mount devices (SMDs).
| Dimension | Value (mm) |
| :--- | :--- |
| **Length (Base)** | 40.00 mm |
| **Width (Base)** | 40.00 mm |
| **Height (Fin Height)** | 15.00 mm |
| **Hole Spacing** | 45.00 mm |
---
## 3. Key Features
* **High Performance:** Uses a "Fine Pitch" or "Cross-Cut" design to maximize surface area for heat dissipation.
* **Secure Attachment:** The pushPIN™ system uses a flexible spring mechanism that provides consistent pressure for maximum thermal transfer without damaging the PCB.
* **T766 TIM:** Comes pre-applied with a high-performance thermal interface material, eliminating the need for manual thermal paste application.
* **Lightweight:** The aluminum construction ensures high thermal conductivity while remaining light enough to avoid mechanical stress on the board.
---
## 4. Part Number Decoding (Breakdown)
The part number follows the standard ATS nomenclature:
* **ATS:** Manufacturer prefix.
* **18:** Series identifier.
* **B:** Material/Attachment variation.
* **57:** Specific fin pattern or configuration.
* **C2:** Thermal Interface Material (T766) and color (Blue).
* **R0:** Revision code.
- ⤷
What are the alternative attachment methods to pushPIN for this heat sink?
- ⤷ How does the ducted vs unducted thermal resistance compare for this part?
- ⤷ Is this heat sink compatible with standard BGA components?