ATS-18B-48-C2-R0
AI

The **ATS-18B-48-C2-R0** is a specific high-performance heat sink manufactured by **Advanced Thermal Solutions (ATS)**. It is part of their "maxiFLOW™" series, designed primarily for cooling electronic components such as BGA (Ball Grid Array) packages, CPUs, and GPUs.
---
### 1. Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Series** | maxiFLOW™ |
| **Dimensions (L x W x H)** | 57.00mm x 57.00mm x 15.00mm |
| **Material** | Aluminum (Blue Anodized) |
| **Attachment Method** | maxiGRIP™ (Frame Clip) |
| **Thermal Resistance** | 2.50 °C/W (at 200 LFM) |
| **Flow Direction** | Directional (High aspect ratio fins) |
---
### 2. Design and Engineering Features
* **maxiFLOW™ Geometry:** The heat sink features a tapered fin design. This geometry is engineered to maximize surface area for convective heat transfer while minimizing the pressure drop as air passes through the fins.
* **maxiGRIP™ Attachment:** One of the key electronic design features is the attachment mechanism. It uses a plastic frame clip and a stainless steel "spring" clip. This provides a high-reliability mechanical connection to the PCB without the need for drilling holes in the board.
* **Interface Material:** These units typically come with a pre-applied **Phase Change Material (PCM)** or high-performance thermal tape (C2 indicates a specific thermal interface material class). This ensures minimal thermal resistance between the component die/integrated heat spreader and the heat sink.
---
### 3. Electronic Applications
This component is typically used in environments where air-flow (LFM - Linear Feet per Minute) is managed, such as:
1. **Telecommunications:** High-speed routers and switches.
2. **Data Centers:** Server motherboards and storage controllers.
3. **Industrial Computing:** Embedded systems where high heat density is an issue.
4. **FPGA/ASIC Cooling:** Cooling high-gate-count programmable logic devices that generate significant localized heat.
---
### 4. Part Number Breakdown
| Segment | Meaning |
| :--- | :--- |
| **ATS-18B** | Base series identification |
| **48** | Footprint size / Specific geometry code |
| **C2** | Thermal Interface Material (TIM) type |
| **R0** | RoHS Compliant / Revision code |
---
- ⤷
What is the difference between the C1 and C2 interface materials in ATS heat sinks?
- ⤷ How does the maxiGRIP attachment system prevent damage to the PCB?
- ⤷ What is the recommended airflow direction for the maxiFLOW fin design?