ATS-18B-33-C2-R0
AI

The **ATS-18B-33-C2-R0** is a specific electronic component manufactured by **Advanced Thermal Solutions (ATS)**. Contrary to what the name might suggest to some, it is not a powered electronic device like a controller or IC; it is a **high-performance passive heat sink** designed for cooling integrated circuits (BGA).
---
## 1. Technical Specifications
The part number follows a specific nomenclature that defines its physical and thermal characteristics.
| Parameter | Specification |
| :--- | :--- |
| **Component Type** | Passive Heat Sink |
| **Attachment Method** | pushPIN™ (Spring-loaded) |
| **Material** | Aluminum (Blue Anodized) |
| **Dimensions** | 37.00mm x 37.00mm |
| **Height (Fin Profile)** | 15.00mm |
| **Thermal Resistance** | 17.42 °C/W @ (Unducted Flow) |
| **Thermal Interface Material** | T766 (Pre-applied) |
---
## 2. Key Electronic & Mechanical Features
### A. The pushPIN™ Attachment System
The "R0" at the end of the part number indicates the specific attachment kit. This system uses a flexible, spring-loaded mechanism that ensures:
* **Uniform Pressure:** Prevents damage to delicate silicon dies.
* **Easy Installation:** Can be installed manually without complex tooling.
* **Reliability:** High resistance to shock and vibration in industrial environments.
### B. Fin Design (cross-cut)
The ATS-18B-33-C2-R0 features a **straight-fin or cross-cut** pattern. This is designed for "ducted" or "unducted" airflow, allowing air to pass through from multiple directions, which is critical for densely packed PCB layouts.
### C. Material & Coating
* **Aluminum 6063:** Chosen for its excellent thermal conductivity-to-weight ratio.
* **Blue Anodized Finish:** This is not just aesthetic; the anodization layer provides surface protection against corrosion and increases the emissivity of the surface, slightly improving radiant heat transfer.
---
## 3. Application Use Cases
This component is typically found in the following electronic systems:
1. **Telecommunications:** Cooling network switches and routers.
2. **Embedded Systems:** Protecting microprocessors or FPGAs on custom PCBs.
3. **Power Electronics:** Dissipating heat from high-speed chipsets.
---
## 4. Part Number Breakdown
For procurement and engineering records, the part number is interpreted as follows:
* **ATS:** Advanced Thermal Solutions (Manufacturer).
* **18B:** Series designation.
* **33:** Footprint/Size code.
* **C2:** Material/Finish code (Blue Anodized).
* **R0:** Revision/Packaging/Attachment variation.
- ⤷
What is the thermal conductivity difference between the T766 interface material and standard thermal paste?
- ⤷ How does the pressure of the pushPIN system affect the lifespan of a BGA chip?
- ⤷ Are there alternative dimensions available within the ATS-18B series for tighter PCB layouts?