ATS-18B-31-C2-R0
AI

The **ATS-18B-31-C2-R0** is a high-performance electronic thermal management component, specifically an **Advanced Thermal Solutions (ATS) Push-Pin Heat Sink**. It is designed to cool electronic components like CPUs, GPUs, or FPGAs on a Printed Circuit Board (PCB).
---
### 1. Technical Specifications
The part number provides specific details regarding its dimensions, material, and thermal performance.
| Parameter | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions Inc. |
| **Series** | pushPIN™ |
| **Material** | Aluminum (AL6063) |
| **Finish** | Blue Anodized |
| **Attachment Method** | Push-Pin (Brass) |
| **Spring Type** | Compression Spring |
| **Dimensions (L x W x H)** | 54.00mm x 47.00mm x 15.00mm |
| **Thermal Resistance** | 25.23°C/W (Unducted Flow @ 100 LFM) |
| **Thermal Interface Material** | T766 (Pre-applied) |
---
### 2. Key Electronic Features
#### A. Heat Sink Geometry (Fin Design)
The ATS-18B-31-C2-R0 utilizes a **Straight Fin** pattern. This design is optimized for high-velocity airflow environments where air can be forced through the channels to strip heat away from the baseplate efficiently.
#### B. Attachment Mechanism: pushPIN™
Instead of using messy adhesives or permanent solder, this part uses a mechanical push-pin system:
* **Ease of Assembly:** Allows for quick installation and removal during maintenance.
* **Consistent Pressure:** The built-in compression springs ensure uniform pressure across the component surface, which is critical for maximizing the effectiveness of the Thermal Interface Material (TIM).
#### C. Thermal Interface Material (TIM)
The unit comes with **T766** pre-applied to the base. This is a phase-change or high-performance grease material that fills microscopic air gaps between the heat sink and the electronic chip, significantly lowering thermal resistance.
---
### 3. Application Use Cases
This specific heat sink is typically found in:
* **Networking Equipment:** High-speed routers and switches.
* **Embedded Systems:** Industrial PCs and automation controllers.
* **Power Supplies:** Cooling MOSFETs or voltage regulators.
---
### 4. Cooling Performance Table (Airflow)
Thermal resistance varies based on the velocity of the air (measured in Linear Feet per Minute - LFM):
| Velocity (LFM) | 100 | 200 | 400 | 600 | 800 |
| :--- | :--- | :--- | :--- | :--- | :--- |
| **Resistance (°C/W)** | 25.23 | 20.28 | 14.71 | 11.54 | 9.59 |
---
- ⤷
What is the difference between Blue Anodized and other finishes for heat sinks?
- ⤷ How do I calculate if this heat sink is sufficient for a 10W processor?
- ⤷ Are there alternative attachment methods if my PCB doesn't have holes for push-pins?