ATS-18B-30-C2-R0
AI

The **ATS-18B-30-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by *Advanced Thermal Solutions (ATS)*. It belongs to the **maxiFLOW™** series, designed to dissipate heat from electronic components like CPUs, GPUs, or high-power transistors.
---
### 1. Technical Specifications
The part number encodes specific physical and thermal characteristics:
| Property | Value / Description |
| :--- | :--- |
| **Component Type** | Heat Sink (Passive Cooling) |
| **Series** | maxiFLOW™ |
| **Attachment Method** | pushPIN™ |
| **Dimensions (L x W x H)** | 57.00mm x 57.00mm x 25.00mm |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Thermal Resistance** | 1.31°C/W (at 200 LFM) |
---
### 2. Key Electronic & Mechanical Features
#### A. Thermal Performance
This heat sink is designed for high-density electronic packaging. The **maxiFLOW™** design features a tapered fin structure that maximizes surface area while reducing pressure drop, allowing air to flow more efficiently through the fins.
#### B. pushPIN™ Attachment
Instead of using messy thermal adhesives or fragile clips, this part uses the **pushPIN™** system:
* **Ease of Install:** Uses a brass or plastic pin with a stainless steel spring.
* **Constant Pressure:** Ensures the heat sink maintains firm contact with the electronic component for optimal heat transfer.
* **Reliability:** Highly resistant to shock and vibration compared to "peel and stick" solutions.
#### C. Material and Coating
* **Aluminum:** Provides a lightweight solution with high thermal conductivity.
* **Blue Anodization (C2):** The "C2" suffix indicates a blue anodized finish. This is not just aesthetic; anodizing protects the aluminum from corrosion and slightly increases the emissivity of the surface, aiding in radiative cooling.
---
### 3. Applications in Electronics
This part is typically found in:
1. **Telecommunications:** Cooling of high-speed networking chips.
2. **Embedded Systems:** For industrial PCs where space is limited but heat generation is high.
3. **Power Electronics:** Managing heat for large MOSFET arrays or voltage regulators.
---
### 4. Part Number Breakdown
```text
ATS - 18 - B - 30 - C2 - R0
| | | | | |
| | | | | Revision/Standard Code
| | | | Finish (Blue Anodized)
| | | Thermal Resistance/Height Code
| | Attachment Style (pushPIN)
| Family/Series Code
Manufacturer (Advanced Thermal Solutions)
```
- ⤷What is the difference between the pushPIN and thermal tape mounting for this part?
- ⤷ How does the LFM (Linear Feet per Minute) affect the thermal resistance of this heat sink?
- ⤷ Are there alternative fin designs available for the 57mm x 57mm footprint?