ATS-18B-148-C2-R0
AI

The **ATS-18B-148-C2-R0** is a high-performance heat sink manufactured by **Advanced Thermal Solutions (ATS)**. It is part of the "push pin" series designed to provide efficient cooling for electronic components like processors, ASICs, and FPGAs.
---
### 1. Technical Specifications
Below are the primary physical and thermal characteristics of this component:
| Feature | Specification |
| :--- | :--- |
| **Dimensions** | 30mm x 30mm x 15mm |
| **Material** | Aluminum (Al6063) |
| **Finish** | Blue Anodized |
| **Attachment Type** | Push Pin (Brass) |
| **Spring Type** | Compression Spring |
| **Thermal Resistance** | 8.70°C/W (at 200 LFM) |
| **Flow Orientation** | Square (Omni-directional) |
---
### 2. Breakdown of the Model Number
The part number follows a specific nomenclature used by Advanced Thermal Solutions:
* **ATS:** Manufacturer (Advanced Thermal Solutions).
* **18B:** Indicates the specific series and mounting hole pattern.
* **148:** Unique identifier for physical dimensions/fin design.
* **C2:** Refers to the material and finish (Blue Anodized Aluminum).
* **R0:** Revision code (Standard version).
---
### 3. Key Features
* **Omni-directional Fins:** The "cross-cut" fin design allows air to flow through the heat sink from any direction, making it ideal for systems where the airflow direction might be unpredictable or constrained.
* **Mechanical Attachment:** Unlike adhesive tapes, the push pin and spring mechanism provide a constant, high pressure against the electronic component, ensuring better thermal contact and reliability during vibration.
* **Thermal Interface Material (TIM):** Typically, these come pre-applied with high-performance thermal tape or grease to simplify the assembly process.
---
### 4. Implementation Example
When integrating this into a PCB design, you must ensure the board has the correct hole spacing to accommodate the push pins.
```c
// Design Clearance Note
// --------------------
// Footprint: 30x30mm
// Hole Diameter: ~3.0mm (standard for ATS Push Pins)
// Keep-out Zone: Add 2mm buffer around the perimeter for spring clips.
```
- ⤷
What is the hole-to-hole spacing for the ATS-18B-148-C2-R0?
- ⤷ How does 'Blue Anodized' finish affect thermal performance?
- ⤷ Is there a specific thermal interface material pre-applied to this model?