ATS-18B-13-C2-R0
AI

The **ATS-18B-13-C2-R0** is a high-performance electronic thermal management component. Specifically, it is a **Heatsink** designed for cooling integrated circuits (ICs) and other electronic components.
Below is a detailed breakdown of its specifications and features.
### 1. General Specifications
| Feature | Description |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions Inc. (ATS) |
| **Product Series** | pushPIN™ |
| **Part Status** | Active |
| **Type** | Top Mount / Board Level |
| **Material** | Aluminum |
| **Attachment Method** | Push-Pin (Spring-loaded) |
---
### 2. Physical Dimensions
The physical footprint is critical for PCB layout and component clearance.
| Parameter | Dimension |
| :--- | :--- |
| **Length** | 50.00 mm |
| **Width** | 50.00 mm |
| **Height (Fin)** | 15.00 mm |
| **Push-Pin Pitch** | 43.00 mm |
---
### 3. Thermal Performance
Thermal resistance indicates how efficiently the heatsink moves heat away from the component (measured in °C/W). Lower values represent better cooling.
| Airflow Velocity | Thermal Resistance (Unducted) |
| :--- | :--- |
| **@ 100 LFM (0.5 m/s)** | 2.52 °C/W |
| **@ 300 LFM (1.5 m/s)** | 1.45 °C/W |
| **@ 500 LFM (2.5 m/s)** | 1.15 °C/W |
---
### 4. Technical Features & Materials
* **Fin Design:** It utilizes a **Fine Pitch** pattern, which increases the surface area for heat dissipation without significantly increasing the physical footprint.
* **Material & Finish:** Made of high-grade aluminum with a **Blue Anodized** finish for improved durability and thermal radiation.
* **Attachment Mechanism:** Features a **Push-Pin** system with a brass tip and a stainless steel spring. This ensures consistent pressure (MTI - Material Thermal Interface) for optimal heat transfer.
* **Thermal Interface Material (TIM):** This specific model typically comes pre-applied with **T766** thermal phase change material or grease to ensure a low-resistance path between the chip and the heatsink.
### 5. Part Number Nomenclature (Decoding)
The part number can be broken down to understand the configuration:
* **ATS**: Manufacturer (Advanced Thermal Solutions)
* **18B**: Series/Form factor
* **13**: Specific internal dimension/design code
* **C2**: Material/Finish code (Blue Anodized)
* **R0**: Revision or packaging code
---
- ⤷
How do I calculate if this heatsink is sufficient for a 10W processor?
- ⤷ What are the advantages of push-pin mounting over adhesive tapes?
- ⤷ Are there alternative fin heights available for the ATS-18B series?