ATS-18B-102-C2-R0
AI

The **ATS-18B-102-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It belongs to the **pushPIN™** series, designed for secure and efficient cooling of electronic components like CPUs, GPUs, or FPGAs.
---
### 1. Technical Specifications
Below are the primary physical and thermal characteristics of this part:
| Parameter | Specification |
| :--- | :--- |
| **Material** | Aluminum (Blue Anodized) |
| **Attachment Method** | pushPIN™ (Spring-loaded) |
| **Fin Style** | Straight (Fine Pitch) |
| **Dimensions (L x W x H)** | 45mm x 45mm x 35mm |
| **Thermal Resistance (Unducted)** | 5.24 °C/W @ 100 LFM |
| **Thermal Resistance (Ducted)** | 1.06 °C/W @ 100 LFM |
| **Hardware included** | ATS-HK127-R0 (Springs/Pins) |
---
### 2. Component Breakdown
#### A. Thermal Interface Material (TIM)
This part comes pre-applied with **T766**, a high-performance thermal phase-change material. This ensures minimal air gaps between the heat source (chip) and the aluminum base, maximizing heat transfer.
#### B. Mounting System (pushPIN™)
Instead of adhesive tapes or simple clips, this part uses a **compression spring** mechanism.
- **Reliability:** Provides consistent pressure for better thermal contact.
- **Safety:** Prevents damage to the PCB by controlling the downward force.
- **Versatility:** The "B" in the part number indicates a specific hole pattern and spring tension designed for standard PCB thicknesses.
#### C. Fin Design
The **straight-fin** geometry is optimized for airflow from a dedicated fan or system-level cooling. The 35mm height provides a large surface area for heat dissipation, making it suitable for components with higher TDP (Thermal Design Power).
---
### 3. Part Number Decoder
Understanding the "ATS-18B-102-C2-R0" nomenclature:
* **ATS:** Advanced Thermal Solutions (Manufacturer).
* **18:** Series/Fin Type.
* **B:** Attachment style (pushPIN™).
* **102:** Specific dimensions/geometry code.
* **C2:** Material/Finish code (Blue Anodized).
* **R0:** Revision/Packaging status.
---
### 4. Typical Applications
* **Embedded Systems:** Industrial PCs and controllers.
* **Telecommunications:** Networking switches and routers.
* **Power Electronics:** Cooling MOSFETs or power modules.
- ⤷
What is the significance of the 'Blue Anodized' finish on this heat sink?
- ⤷ Can this heat sink be used with different mounting hole patterns on a PCB?
- ⤷ How does the 'Ducted' thermal resistance compare to 'Unducted' in real-world use?