ATS-18B-101-C3-R0
AI

The **ATS-18B-101-C3-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It belongs to the **maxiFLOW™** series, designed to dissipate heat from integrated circuits (ICs) like CPUs, GPUs, and FPGAs.
---
### 1. Technical Specifications
Below are the primary physical and thermal characteristics of the part:
| Feature | Specification |
| :--- | :--- |
| **Material** | Aluminum (Anodized Blue) |
| **Dimensions** | 45mm x 45mm x 25mm |
| **Attachment Method** | pushPIN™ (Spring-loaded) |
| **Thermal Resistance** | 6.77°C/W (Unducted Flow @ 200 LFM) |
| **Fin Style** | High-efficiency maxiFLOW™ (Tapered) |
| **Thermal Interface Material** | T412 (Double-sided adhesive/pad) |
---
### 2. Key Design Components
#### A. Fin Geometry (maxiFLOW™)
Unlike standard straight-fin heat sinks, this part features a **tapered fin design**. This maximizes the surface area for heat dissipation while minimizing the pressure drop. This is crucial for high-density electronic enclosures where airflow is limited.
#### B. Attachment Mechanism (pushPIN™)
The "18B" in the part number refers to a specific attachment kit. It uses the **pushPIN™ system**, which includes:
* **Compression Springs:** Ensure even pressure across the component for optimal thermal contact.
* **Plastic Push Pins:** Allow for quick, tool-free installation into pre-drilled holes on the PCB.
#### C. Thermal Interface Material (TIM)
The part comes pre-applied with **T412**, a high-performance thermal pad. This fills the microscopic air gaps between the heat sink base and the electronic component (die), significantly reducing thermal resistance compared to dry contact.
---
### 3. Part Number Breakdown
The part number follows a specific nomenclature used by Advanced Thermal Solutions:
| Segment | Meaning |
| :--- | :--- |
| **ATS** | Advanced Thermal Solutions (Manufacturer) |
| **18B** | Specific mounting hardware/bracket series |
| **101** | Dimension code (45mm footprint) |
| **C3** | Thermal Interface Material (T412) |
| **R0** | Revision code / Finish (Blue Anodized) |
---
### 4. Application Use Cases
This heat sink is typically used for:
* **Network Switches/Routers:** Cooling high-speed processing chips.
* **Industrial PCs:** Maintaining stability in high-ambient temperature environments.
* **Power Supplies:** Dissipating heat from MOSFETs or voltage regulators.
- ⤷
What are the PCB hole requirements for the pushPIN™ attachment?
- ⤷ How does the thermal resistance change at higher airflow (LFM) levels?
- ⤷ Are there alternative thermal interface materials available for this specific heat sink?