ATS-18B-100-C2-R0
AI

The **ATS-18B-100-C2-R0** is a high-performance heat sink manufactured by **Advanced Thermal Solutions (ATS)**. It is specifically designed for cooling electronic components such as BGA (Ball Grid Array) chips, CPUs, or GPUs.
---
## 1. Technical Specifications
The following table outlines the physical and thermal characteristics of this specific part:
| Parameter | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Part Number** | ATS-18B-100-C2-R0 |
| **Series** | pushPIN™ |
| **Heat Sink Type** | Fine Pitch (straight fin) |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | Push-pin (Spring-loaded) |
| **Dimensions (L x W x H)** | 45mm x 45mm x 25mm |
| **Thermal Resistance** | 1.15°C/W (at 200 LFM) |
---
## 2. Component Features
The "C2" and "R0" suffixes in the part number refer to specific configurations of the cooling assembly:
### A. Push-Pin Attachment
Instead of using messy thermal adhesives or tapes, this unit uses a **push-pin and spring system**. This provides:
* **Constant Pressure:** Ensures the heat sink stays flat against the chip for maximum heat transfer.
* **Secure Mounting:** Uses pre-drilled holes in the PCB.
* **Serviceability:** Easy to remove and reinstall without damaging the board.
### B. Material & Coating
* **Aluminum Construction:** Offers a lightweight solution with high thermal conductivity.
* **Blue Anodized Finish:** Provides corrosion resistance and slightly increases the emissivity of the surface for better radiant cooling.
### C. Thermal Interface Material (TIM)
The **R0** designation usually indicates that the heat sink comes with **ATS-PPS-18** hardware and potentially a pre-applied high-performance thermal interface material (like a phase-change material or thermal pad) to fill microscopic air gaps between the chip and the heat sink.
---
## 3. Airflow Performance
This heat sink is designed for **forced air cooling** (fans). The "Fine Pitch" fin design maximizes surface area, allowing it to dissipate more heat as air passes through the channels.
| Air Velocity (LFM) | Thermal Resistance (°C/W) |
| :--- | :--- |
| 100 (Unducted) | 4.84 |
| 300 (Unducted) | 1.49 |
| 500 (Unducted) | 1.03 |
---
- ⤷
What is the hole-to-hole spacing required on a PCB for this heat sink?
- ⤷ Can this heat sink be used in a passive cooling (fanless) environment?
- ⤷ What are the advantages of blue anodized aluminum over plain aluminum for thermal management?