ATS-18A-96-C2-R0
AI

The **ATS-18A-96-C2-R0** is a high-performance **heat sink** manufactured by Advanced Thermal Solutions (ATS). It is part of the "push-pin" attachment series designed for efficient thermal management of electronic components like CPUs, GPUs, and FPGAs.
---
## Technical Specifications
| Feature | Details |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | Push-Pin (Plastic or Brass) |
| **Thermal Resistance** | 5.63°C/W @ 100 LFM (Linear Feet per Minute) |
| **Dimensions (L x W x H)** | 40.00mm x 40.00mm x 35.00mm |
| **Fin Style** | Straight Fin |
| **Thermal Interface Material** | T766 (Pre-applied) |
---
## Key Components and Features
### 1. Thermal Design
The unit features a **Straight Fin** design. This is optimized for high-airflow environments where the air moves in a consistent direction. The height of 35mm provides a large surface area relative to its 40x40 footprint, allowing for high heat dissipation.
### 2. Attachment Mechanism: Push-Pins
Unlike adhesive-based heat sinks, the `-R0` series uses a mechanical **Push-Pin** system:
* **Compression Springs:** Ensure even pressure across the component surface, improving thermal transfer.
* **Reliability:** Mechanical fastening is more durable than tape in high-vibration or high-temperature environments.
### 3. Thermal Interface Material (TIM)
The part comes with **T766** pre-applied to the base. This is a high-performance phase-change material that fills microscopic air gaps between the component and the heat sink to maximize heat flow.
### 4. Finish and Durability
The **Blue Anodized** coating is not just for aesthetics; it increases the surface emissivity and protects the aluminum from corrosion and electrical conductivity issues.
---
## Applications
This specific heat sink is typically used for:
* **Networking Equipment:** Routers and switches.
* **Embedded Systems:** Industrial PCs and controllers.
* **Telecommunications:** Base stations and signal processing units.
- ⤷
What is the significance of the 5.63°C/W thermal resistance rating?
- ⤷ How do I determine the correct hole pattern on a PCB for this push-pin heat sink?
- ⤷ Can the pre-applied T766 thermal material be replaced with standard thermal paste?