ATS-18A-87-C2-R0
AI

### Overview of ATS-18A-87-C2-R0
The **ATS-18A-87-C2-R0** is a high-performance heat sink manufactured by **Advanced Thermal Solutions (ATS)**. It is part of the **maxiFLOW™** series, designed specifically to dissipate heat from electronic components like CPUs, GPUs, and other high-heat integrated circuits.
---
### Technical Specifications
The following table outlines the physical and thermal characteristics of the component:
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Part Number** | ATS-18A-87-C2-R0 |
| **Material** | Aluminum (Blue Anodized) |
| **Attachment Method** | pushPIN™ |
| **Dimensions** | 36.83mm x 36.83mm |
| **Height** | 12.7mm |
| **Thermal Resistance** | 13.13 °C/W (at 1.0 m/s flow) |
| **RoHS Status** | Compliant |
---
### Key Electronic & Design Features
#### 1. maxiFLOW™ Fin Geometry
The "Electronic" efficiency of this part is derived from its unique fin structure. Unlike standard square fins, the maxiFLOW™ design uses a **tapered fin** profile that:
* Reduces pressure drop.
* Increases surface area for convection.
* Optimizes airflow in restricted spaces, ensuring sensitive electronic components underneath stay within safe operating temperatures.
#### 2. pushPIN™ Attachment System
The part utilizes the **pushPIN™** system, which is critical for electronic PCB assembly.
* **Compression Spring:** Provides a precise amount of pressure (force) to ensure a high-quality thermal interface between the heat sink and the chip.
* **Reliability:** Prevents the heat sink from shifting during mechanical shock or vibration, which protects the solder joints of the underlying BGA (Ball Grid Array) component.
#### 3. Thermal Interface Material (TIM)
The **"C2"** in the part number typically denotes the use of **ATS-PPS-02** or a similar high-performance phase-change thermal interface material. This ensures that the microscopic gaps between the chip surface and the heat sink are filled, minimizing thermal impedance.
---
### Application in Electronics
This heat sink is typically found in:
* **Telecommunications:** Network switches and routers.
* **Industrial PC:** Embedded controllers where space is limited.
* **Power Supplies:** Cooling MOSFETs or power ICs.
- ⤷
What is the difference between blue anodized and gold finish for heat sinks?
- ⤷ How do I calculate the correct pushPIN force for my PCB thickness?
- ⤷ Can this heat sink be used with a custom thermal pad instead of the pre-applied TIM?