ATS-18A-83-C2-R0
AI

The **ATS-18A-83-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by *Advanced Thermal Solutions, Inc. (ATS)*. It is part of the "pushPIN™" series, designed for cooling electronic components such as CPUs, GPUs, and other high-power ICs.
---
### 1. Technical Specifications
Below is a breakdown of the key physical and thermal characteristics:
| Feature | Specification |
| :--- | :--- |
| **Material** | Aluminum (AL6063) |
| **Finish** | Blue Anodized |
| **Dimensions** | 30.00mm x 30.00mm x 20.00mm |
| **Thermal Resistance** | 16.03 °C/W (at 100 LFM) |
| **Fin Pattern** | Cross-Cut |
| **Attachment Method** | pushPIN™ (Spring-loaded) |
| **Thermal Interface (TIM)** | T766 (Applied) |
---
### 2. Component Analysis
The part number can be decoded to understand its specific electronic application:
#### A. Fin Design: Cross-Cut
The "83" in the part number refers to the specific fin design. A **cross-cut** pattern allows for air to flow from multiple directions (omni-directional), which is critical in dense electronic enclosures where airflow might be turbulent or restricted.
#### B. Attachment: pushPIN™
Instead of using messy adhesives or weak thermal tape, this part uses a mechanical **pushPIN™** system. This ensures:
- **Consistent Pressure:** Improves the contact between the heat sink and the chip.
- **Reliability:** Prevents the heat sink from shifting during vibration or shipping.
- **Repairability:** Can be easily removed and reinstalled.
#### C. Thermal Interface Material (T766)
The unit comes pre-applied with **T766 thermal grease**. This is the layer that fills microscopic air gaps between the component and the metal, ensuring efficient heat transfer.
---
### 3. Electronic Application Use-Case
The ATS-18A-83-C2-R0 is typically used in the following electronic environments:
1. **Networking Hardware:** Cooling ASICs in routers and switches.
2. **Embedded Systems:** High-speed processors in industrial controllers.
3. **Power Electronics:** Dissipating heat from MOSFETs or voltage regulators.
---
- ⤷
What is the significance of 'LFM' in measuring this heat sink's performance?
- ⤷ How does 'Blue Anodized' finish affect the component's durability?
- ⤷ Can this heat sink be used with different attachment springs?