ATS-18A-82-C2-R0
AI

The **ATS-18A-82-C2-R0** is a high-performance electronic thermal management component. Specifically, it is a **heat sink** manufactured by Advanced Thermal Solutions (ATS) designed for cooling integrated circuits (ICs) and other electronic components.
Below is a detailed breakdown of its specifications and features.
---
### 1. Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Series** | pushPIN™ |
| **Part Number** | ATS-18A-82-C2-R0 |
| **Thermal Resistance** | 2.49 °C/W (at 100 LFM) |
| **Attachment Method** | Push-Pin (Plastic or Brass) |
| **Material** | Aluminum (AL6063) |
| **Finish** | Blue Anodized |
| **Dimensions (L x W x H)** | 30.00mm x 30.00mm x 25.00mm |
---
### 2. Design and Component Breakdown
#### A. The Fin Design (Cross-Cut)
The unit uses a **cross-cut fin pattern**, which allows for omnidirectional airflow. This makes it highly efficient in systems where air might move in various directions or where the airflow is turbulent.
#### B. The pushPIN™ Attachment System
Instead of using messy thermal adhesives or fragile clips, this part uses a mechanical push-pin system.
* **Springs:** Usually included to provide consistent pressure (pre-assembled).
* **Compression:** Ensures optimal contact between the heat sink base and the electronic component (CPU, GPU, or FPGA).
#### C. Thermal Interface Material (TIM)
The "C2" in the part number indicates that the heat sink comes pre-applied with a **T766 thermal phase change material**. This eliminates the need for external thermal paste and ensures a high-quality bond between the chip and the aluminum.
---
### 3. Thermal Performance (Flow Rate)
The efficiency of this part varies based on the velocity of the air (Linear Feet per Minute - LFM):
| Air Velocity | 100 LFM | 200 LFM | 300 LFM | 400 LFM | 500 LFM |
| :--- | :---: | :---: | :---: | :---: | :---: |
| **Thermal Resistance (°C/W)** | 2.49 | 1.57 | 1.30 | 1.14 | 1.04 |
---
### 4. Common Applications
* **Integrated Circuits (ICs):** Cooling high-speed processors.
* **Telecommunications:** Cooling networking chips in switches and routers.
* **Embedded Systems:** Industrial PCs where mechanical vibration resistance is required (provided by the push-pins).
---
- ⤷What is the difference between Blue Anodized and other finishes like Black Anodized?
- ⤷ How do I determine if 30x30mm is the correct size for my chip?
- ⤷ What is the weight of the ATS-18A-82-C2-R0?