ATS-18A-76-C2-R0
AI

## Electronic Component Overview: ATS-18A-76-C2-R0
The **ATS-18A-76-C2-R0** is a high-performance **Heat Sink** manufactured by **Advanced Thermal Solutions (ATS)**. It belongs to the **blueICE™** series and is specifically designed for cooling electronic components such as CPUs, GPUs, and other high-heat surface-mount devices.
---
### 1. Technical Specifications
The following table outlines the physical and thermal properties of this specific part:
| Characteristic | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Part Number** | ATS-18A-76-C2-R0 |
| **Type** | Push-Pin / Fan-Sink style |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Shape** | Square |
| **Thermal Resistance** | 11.57°C/W (Unducted Flow @ 200 LFM) |
| **Dimensions** | 25.00mm x 25.00mm x 15.00mm |
| **Attachment Method** | Push-Pin (Plastic or Brass) |
| **Thermal Interface Material** | T766 (Pre-applied) |
---
### 2. Key Component Features
* **Heat Sink Material:** Constructed from high-quality aluminum to ensure rapid heat dissipation while remaining lightweight.
* **Fin Design:** Features a **Straight-Fin** pattern. This design is optimized for environments where there is a consistent flow of air (forced convection) moving across the component.
* **Attachment System:** It utilizes the **push-pin** mechanism. This allows for secure attachment to the PCB (Printed Circuit Board) using pre-drilled holes, providing constant pressure on the electronic chip to maximize heat transfer.
* **Thermal Interface Material (TIM):** The "C2" in the part number indicates it comes with **T766** phase-change material. This eliminates the need for manual application of thermal paste, ensuring a clean and efficient thermal bond.
---
### 3. Applications in Electronics
This heat sink is commonly used in the following electronic assemblies:
1. **Telecommunications:** Cooling of high-speed networking chips.
2. **Embedded Systems:** Industrial PCs and controllers where space is limited.
3. **Power Supplies:** Regulating the temperature of MOSFETs and power ICs.
4. **Consumer Electronics:** Small form-factor media players or routers.
---
### 4. Thermal Performance Data
*Measured in °C/W (degrees Celsius per Watt):*
| Airflow Velocity (LFM) | Thermal Resistance (°C/W) |
| :--- | :--- |
| 200 | 11.57 |
| 400 | 7.20 |
| 600 | 5.80 |
| 800 | 5.20 |
---
- ⤷
What are the alternative attachment methods for ATS heat sinks if push-pins are not suitable?
- ⤷ How does the 'Blue Anodized' finish affect the thermal performance compared to bare aluminum?
- ⤷ Can this heat sink be used for passive cooling without a fan?