ATS-18A-34-C2-R0
AI

The **ATS-18A-34-C2-R0** is a specific electronic component manufactured by **Advanced Thermal Solutions (ATS)**. It is a high-performance heat sink designed for electronic cooling applications.
Below is a detailed breakdown of its specifications and electronic properties.
---
### 1. General Specifications
This part belongs to the **maxiFLOW™** series, known for its unique flared fin design which maximizes surface area for effective convection cooling.
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Part Number** | ATS-18A-34-C2-R0 |
| **Component Type** | Heat Sink |
| **Material** | Aluminum (Blue Anodized) |
| **Attachment Method** | pushPIN™ |
| **Thermal Resistance** | 6.72°C/W (at 100 LFM) |
---
### 2. Physical Dimensions
Precision sizing is critical for ensuring the heat sink fits within the allocated PCB footprint and clears adjacent components.
| Dimension | Measurement (mm) |
| :--- | :--- |
| **Length (Base)** | 36.83 mm |
| **Width (Base)** | 36.83 mm |
| **Height** | 22.86 mm |
| **Pitch (Hole-to-Hole)** | 47.24 mm |
---
### 3. Thermal Performance Profile
The effectiveness of this electronic part depends on the airflow (measured in Linear Feet per Minute - LFM) within the device enclosure.
* **@100 LFM (0.5 m/s):** 6.72 °C/W (High Resistance)
* **@300 LFM (1.5 m/s):** 2.82 °C/W
* **@500 LFM (2.5 m/s):** 1.88 °C/W
* **@700 LFM (3.5 m/s):** 1.51 °C/W (Low Resistance/Peak Performance)
---
### 4. Technical Electronic Features
#### A. Flared Fin Design
Unlike standard straight-fin heat sinks, the fins on the ATS-18A-34-C2-R0 flare outward. This increases the surface area exposed to air, reducing the thermal boundary layer and improving overall heat dissipation for high-power chips.
#### B. pushPIN™ Attachment System
This part uses a specific mechanical attachment system:
* **Flexible Pressure:** It uses a brass or plastic pin with a high-performance spring to provide a specific "sink-to-chip" pressure.
* **Consistency:** Ensures uniform contact with the Thermal Interface Material (TIM) for predictable heat transfer.
#### C. Material & Coating
The part is made of **Aluminum 6063**. The **Blue Anodized** finish is not just aesthetic; it increases the surface emissivity, slightly improving radiation cooling and protecting the aluminum from corrosion.
---
### 5. Typical Applications
* **Central Processing Units (CPUs):** Low to mid-power embedded processors.
* **ASICs & FPGAs:** Logic gates that generate significant localized heat.
* **Power Supplies:** Cooling MOSFETs or Voltage Regulators.
* **Telecommunications:** Network switches and routers where airflow is managed by chassis fans.
- ⤷
What is the significance of the 'C2' code in the ATS part numbering system?
- ⤷
How does the pushPIN™ system compare to traditional adhesive thermal tape?
- ⤷
Can this heat sink be used in a natural convection environment without fans?