công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • ATS-18A-207-C2-R0

  • AI
    The **ATS-18A-207-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is designed to dissipate heat from electronic components like CPUs, GPUs, or power transistors to prevent thermal throttling or hardware failure. --- ## 1. Technical Specifications The part number follows a specific nomenclature that defines its physical and thermal characteristics: | Feature | Specification | | :--- | :--- | | **Manufacturer** | Advanced Thermal Solutions (ATS) | | **Series** | pushPIN™ | | **Material** | Aluminum (typically blue anodized) | | **Thermal Resistance** | ~6.39°C/W (undirected flow @ 100 LFM) | | **Dimensions (L x W)** | 60mm x 60mm | | **Height** | 6mm (Low profile) | | **Fin Pitch** | XC (Extra Coarse) | | **Attachment Method** | Push-Pin (with spring) | --- ## 2. Key Electronic Functions ### Heat Dissipation The primary electronic role of this part is to increase the surface area of a semiconductor package. This allows the heat generated by the electrical resistance within the silicon to be transferred to the surrounding air more efficiently. ### Thermal Interface Material (TIM) The "R0" suffix usually indicates the inclusion of a pre-applied **Thermal Interface Material**. This is a specialized electronic compound that fills microscopic air gaps between the component surface and the heat sink base, ensuring maximum heat conductivity. ### Mechanical Integration Unlike adhesive-based heat sinks, the ATS-18A-207-C2-R0 uses a **Push-Pin** system. This provides: * **Constant Pressure:** Ensures the TIM remains effective over time. * **Vibration Resistance:** Securely holds the sink in place during industrial or automotive operation. --- ## 3. Component Breakdown 1. **The Base:** A flat aluminum surface that makes direct contact with the electronic chip. 2. **The Fins:** Straight-fin design optimized for airflow. The "Extra Coarse" pitch is designed for environments where airflow might be lower or inconsistent. 3. **The Attachment Hardware:** Includes plastic or brass push-pins and steel springs that provide the necessary "clamping force" required for high-performance cooling. ---
    ✨ Follow-up Questions
    • ⤷ What are the benefits of using push-pins over thermal adhesive for electronic components?
    • ⤷ How does the 'Extra Coarse' fin pitch impact performance in low-airflow environments?
    • ⤷ Can this heat sink be used for high-power CPUs or is it intended for smaller chips?